Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6134H Datasheet(PDF) 7 Page - Exar Corporation

Part # SP6134H
Description  High Voltage, 600kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6134H Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP6134H Datasheet HTML 3Page - Exar Corporation SP6134H Datasheet HTML 4Page - Exar Corporation SP6134H Datasheet HTML 5Page - Exar Corporation SP6134H Datasheet HTML 6Page - Exar Corporation SP6134H Datasheet HTML 7Page - Exar Corporation SP6134H Datasheet HTML 8Page - Exar Corporation SP6134H Datasheet HTML 9Page - Exar Corporation SP6134H Datasheet HTML 10Page - Exar Corporation SP6134H Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
S
SP
P6
61
13
34
4H
H
H
Hiig
gh
h V
Vo
olltta
ag
ge
e,, 6
60
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
7/15
Rev. 2.0.0
monitors the positive and negative terminals
of the error amplifier, and if the VFB pin ever
falls more than 250mV (typical) below the
positive reference, a short-circuit fault is set.
Because the SS pin overrides the internal 0.8V
reference during soft start, the SP6134H is
capable
of
detecting
short-circuit
faults
throughout the duration of soft start as well as
in regular operation.
HANDLING OF FAULTS
Upon the detection of power (UVLO), thermal,
or short-circuit faults, the SP6134H is forced
into an idle state where the SS and COMP pins
are pulled low and the gate drivers are held
off. In the event of UVLO fault, the SP6134H
remains in this idle state until the UVLO fault
is removed. Upon the detection of a thermal or
short-circuit fault, an internal 200ms (typical)
timer is activated. In the event of a short-
circuit
fault,
a
restart
is
attempted
immediately after the 200ms timeout expires.
Whereas, when a thermal fault is detected the
200ms delay continuously recycles and a
restart cannot be attempted until the thermal
fault is removed and the timer expires.
ERROR AMPLIFIER AND VOLTAGE LOOP
As stated before, the heart of the SP6134H
voltage error loop is a high performance, wide
bandwidth
transconductance
amplifier.
Because of the amplifier’s current limited
(±150μA) transconductance, there are many
ways to compensate the voltage loop or to
control the COMP pin externally. A simple,
single pole, single zero compensation can be a
RC to ground. However Exar recommends a
Type II or Type III compensation which
eliminates the gm of the amplifier from the
control loop equations.
The amplifier has
enough bandwidth (45° at 4 MHz) and enough
gain (60dB) to run Type III compensation
schemes with adequate gain and phase
margins at cross over frequencies greater than
50kHz.
The common mode output of the error
amplifier is 0.9V to 2.2V. Therefore, the PWM
voltage ramp has been set between 1.1V and
2.2V to ensure proper 0% to 100% duty cycle
capability. The voltage loop also includes two
other very important features. One is an Non-
synchronous start up mode. Basically, the GL
driver can not turn on unless the GH driver
has attempted to turn on or the SS pin has
exceeded 1.7V. This feature prevents the
controller from “dragging down” the output
voltage during startup or in fault modes. The
second feature is a 100% duty cycle timeout
that ensures synchronized refreshing of the
BST capacitor at very high duty ratios. In the
event that the GH driver is on for 20
continuous clock cycles, a reset is given to the
PWM flip flop half way through the 21st cycle.
This forces GL to rise for the remainder of the
cycle, in turn refreshing the BST capacitor.
GATE DRIVERS
The SP6134H contains a pair of powerful 2Ω
SOURCE and 1.5Ω SINK drivers. These state
of the art drivers are designed to drive
external NFETs capable of handling up to 30A.
Rise, fall, and non-overlap times have all been
minimized to achieve maximum efficiency. All
drive pins GH, GL & SWN are monitored
continuously to ensure that only one external
NFET is ever on at any given time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com