Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70FL256P Datasheet (PDF) - Cypress Semiconductor

S70FL256P Datasheet PDF - Cypress Semiconductor
Part # S70FL256P
Download  S70FL256P Download
File Size   1325.22 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256-Mbit 3.0V Flash

S70FL256P Datasheet (PDF)

Go To PDF Page Download Datasheet
S70FL256P Datasheet PDF - Cypress Semiconductor

Part # S70FL256P
Download  S70FL256P Click to download

File Size   1325.22 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256-Mbit 3.0V Flash

S70FL256P Datasheet (HTML) - Cypress Semiconductor


S70FL256P Product details

General Description
This document contains information for the S70FL256P device, which is a dual die stack of two S25FL129P die.
   
Distinctive Characteristics
Architectural Advantages
■ Single Power Supply Operation
    – Full voltage range: 2.7 to 3.6V read and write operations
■ Memory Architecture
    – Uniform 64 kB sectors
    – Top or bottom parameter block (Two 64-kB sectors
        broken down into sixteen 4-kB sub-sectors each) for
        each Flash die
    – Uniform 256 kB sectors (no 4-kB sub-sectors)
    – 256-byte page size
■ Program
    – Page Program (up to 256 bytes) in 1.5 ms (typical)
    – Program operations are on a page by page basis
    – Accelerated programming mode via 9V W#/ACC pin
    – Quad Page Programming
■ Erase
    – Bulk erase function for each Flash die
    – Sector erase (SE) command (D8h) for 64 kB and 256 kB
        sectors
    – Sub-sector erase (P4E) command (20h) for 4 kB sectors
        (for uniform 64-kB sector device only)
    – Sub-sector erase (P8E) command (40h) for 8 kB sectors
        (for uniform 64-kB sector device only)
■ Cycling Endurance
    – 100,000 cycles per sector typical
■ Data Retention
    – 20 years typical
■ Device ID
    – JEDEC standard two-byte electronic signature
    – RES command one-byte electronic signature for backward
        compatibility
■ One-time programmable (OTP) area on each Flash die for
    permanent, secure identification; can be programmed and
    locked at the factory or by the customer
■ CFI (Common Flash Interface) compliant: allows host
    system to identify and accommodate multiple flash devices
■ Process Technology
    – Manufactured on 0.09 µm MirrorBit® process technology
■ Package Option
    – Industry Standard Pinouts
    – 16-pin SO package (300 mils)
    – 24-ball BGA (6 x 8 mm) package, 5 x 5 pin configuration
      (Continue ...)
   




Similar Part No. - S70FL256P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P_00 Datasheet
825Kb / 19P
256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Similar Description - S70FL256P

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
logo
SPANSION
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
Numonyx B.V
JS28F256P33BFA NUMONYX-JS28F256P33BFA Datasheet
374Kb / 18P
NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S70GL02GT CYPRESS-S70GL02GT Datasheet
1Mb / 20P
2-Gbit (256-Mbyte) 3.0V Flash Memory
logo
Microchip Technology
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
Microchip Technology
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com