Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL204K Datasheet (PDF) - SPANSION

S25FL204K Datasheet PDF - SPANSION
Part # S25FL204K
Download  S25FL204K Download
File Size   1519.57 Kbytes
Page   37 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors

S25FL204K Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL204K Datasheet PDF - SPANSION

Part # S25FL204K
Download  S25FL204K Click to download

File Size   1519.57 Kbytes
Page   37 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors

S25FL204K Datasheet (HTML) - SPANSION


S25FL204K Product details

General Description

The S25FL204K (4-Mbit, 512-kbyte) Serial Flash memory, with advanced write protection mechanisms. TheS25FL204K supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output using SPI pins: Serial Clock, Chip Select, Serial SI/IO0, SO, WP# and HOLD#. SPI clock frequencies of up to 85 MHz are supported along with a clock rate of 85 MHz for Dual Output Read.

The S25FL204K array is organized into 2048 programmable pages of 256 bytes each. Up to 256 bytes can be programmed at a time. Pages can be erased in groups of 16 (4 kB Sector Erase), groups of 256 (64 kB Block Erase) or the entire chip (Chip Erase). The S25FL204K has128 erasable sectors and 8 erasable blocks. The small 4 kB sectors allow for greater flexibility in applications that require data and parameter storage.

A Hold pin, Write Protect Pin and programmable write protection provide further control flexibility. Additionally, the S25FL204K device supports JEDEC standard manufacturer and device identification.



Distinctive Features

■ Single power supply operation

   – Full voltage range: 2.7 to 3.6V

■ 4-Mbit Serial Flash

   – 4-Mbit/512 kbyte/2048 pages

   – 256 bytes per programmable page

   – Uniform 4-kbyte Sectors/64-kbyte Blocks

■ Standard and Dual

   – Standard SPI: SCK, CS#, SI, SO, WP#, HOLD#

   – Dual SPI: SCK, CS#, SI/IO0, SO, WP#, HOLD#

   – Fast Read Dual Output instruction

   – Auto-increment Read capability

■ High Performance

   – FAST READ (Serial): 85 MHz clock rate

   – DUAL OUTPUT READ: 85 MHz clock rate

■ Low Power Consumption

   – 12 mA typical active current

   – 15 µA typical standby current

■ Flexible Architecture with 4 kB Sectors

   – Sector Erase (4 kB)

   – Block Erase (64 kB)

   – Page Program up to 256 bytes

   – 100k erase/program cycles typical

   – 20-year data retention typical

■ Software and Hardware Write Protection

   – Write Protect all or portion of memory via software

   – Enable/Disable protection with WP# pin

■ High Performance Program/Erase Speed

   – Page program time: 1.5 ms typical

   – Sector erase time (4 kB): 50 ms typical

   – Block erase time (64 kB): 500 ms typical

   – Chip erase time: 3.5 seconds typical

■ Package Options

   – 8-pin SOIC 150/208-mil

   – All Pb-free packages are RoHS compliant



 




Similar Part No. - S25FL204K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL204K CYPRESS-S25FL204K Datasheet
1Mb / 35P
4-Mbit 3.0 V SPI Flash Memory
More results


Similar Description - S25FL204K

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
4 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
2 Mbit Uniform Sector, Serial Flash Memory
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
AMIC Technology
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K CYPRESS-S25FL216K Datasheet
1Mb / 35P
16-Mbit 3.0 V Serial Flash Memory with Uniform 4 kB Sectors
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com