Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL216K Datasheet (PDF) - SPANSION

S25FL216K Datasheet PDF - SPANSION
Part # S25FL216K
Download  S25FL216K Download
File Size   1524.1 Kbytes
Page   37 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors

S25FL216K Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL216K Datasheet PDF - SPANSION

Part # S25FL216K
Download  S25FL216K Click to download

File Size   1524.1 Kbytes
Page   37 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors

S25FL216K Datasheet (HTML) - SPANSION


S25FL216K Product details

General Description

The S25FL216K device is a 16-Mbit, 2048-kbyte Serial Flash memory, with advanced write protection mechanisms. The S25FL216K supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output using SPI pins: Serial Clock, Chip Select, Serial SI/IO0, SO, WP#, and HOLD#. SPI clock frequencies of up to 65 MHz are supported.



Distinctive Features

 Single power supply operation

   – Full voltage range: 2.7 to 3.6V

 16-Mbit Serial Flash

   – 16-Mbit/2048 kbyte/9192 pages

   – 256 bytes per programmable page

   – Uniform 4-kbyte Sectors/64-kbyte Blocks

 Standard and Dual

   – Standard SPI: SCK, CS#, SI, SO, WP#, HOLD#

   – Dual SPI: SCK, CS#, SI/IO0, SO, WP#, HOLD#

   – Fast Read Dual Output instruction

   – Auto-increment Read capability

 High Performance

   – FAST READ (Serial): 65 MHz clock rate

   – DUAL OUTPUT READ: 65 MHz clock rate

 Low Power Consumption

   – 12 mA typical active current

   – 15 µA typical standby current

 Flexible Architecture with 4 kB Sectors

   – Sector Erase (4 kB)

   – Block Erase (64 kB)

   – Page Program up to 256 bytes

   – 100k erase/program cycles typical

   – 20-year data retention typical

 Software and Hardware Write Protection

   – Write Protect all or portion of memory via software

   – Enable/Disable protection with WP# pin

High Performance Program/Erase Speed

   – Page program time: 1.6 ms typical

   – Sector erase time (4 kB): 45 ms typical

   – Block erase time (64 kB): 450 ms typical

   – Chip erase time: 12 seconds typical

Package Options

   – 8-pin SOIC 150/208-mil

   – All Pb-free packages are RoHS compliant



 




Similar Part No. - S25FL216K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL216K CYPRESS-S25FL216K Datasheet
1Mb / 35P
16-Mbit 3.0 V Serial Flash Memory with Uniform 4 kB Sectors
More results


Similar Description - S25FL216K

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
4 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
logo
SPANSION
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
AMIC Technology
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K CYPRESS-S25FL216K Datasheet
1Mb / 35P
16-Mbit 3.0 V Serial Flash Memory with Uniform 4 kB Sectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com