Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL208K Datasheet (PDF) - SPANSION

S25FL208K Datasheet PDF - SPANSION
Part # S25FL208K
Download  S25FL208K Download
File Size   1522.0 Kbytes
Page   37 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors

S25FL208K Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL208K Datasheet PDF - SPANSION

Part # S25FL208K
Download  S25FL208K Click to download

File Size   1522.0 Kbytes
Page   37 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors

S25FL208K Datasheet (HTML) - SPANSION


S25FL208K Product details

General Description

The S25FL208K (8-Mbit, 1024-kbyte) Serial Flash memory, with advanced write protection mechanisms. The S25FL208K supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output using SPI pins: Serial Clock, Chip Select, Serial SI/IO0, SO, WP# and HOLD#. SPI clock frequencies of up to 76 MHz are supported along with a clock rate of 76 MHz for Dual Output Read.



Distinctive Features

Single power supply operation

  – Full voltage range: 2.7 to 3.6V

8-Mbit Serial Flash

  – 8-Mbit/1024 kbyte/4096 pages

  – 256 bytes per programmable page

  – Uniform 4-kbyte Sectors/64-kbyte Blocks

Standard and Dual

  – Standard SPI: SCK, CS#, SI, SO, WP#, HOLD#

  – Dual SPI: SCK, CS#, SI/IO0, SO, WP#, HOLD#

  – Fast Read Dual Output instruction

  – Auto-increment Read capability

High Performance

  – FAST READ (Serial): 76 MHz clock rate

  – DUAL OUTPUT READ: 76 MHz clock rate

Low Power Consumption

  – 12 mA typical active current

  – 15 µA typical standby current

Flexible Architecture with 4 kB Sectors

  – Sector Erase (4 kB)

  – Block Erase (64 kB)

  – Page Program up to 256 bytes

  – 100k erase/program cycles typical

  – 20-year data retention typical

Software and Hardware Write Protection

  – Write Protect all or portion of memory via software

  – Enable/Disable protection with WP# pin

High Performance Program/Erase Speed

  – Page program time: 1.5 ms typical

  – Sector erase time (4 kB): 50 ms typical

  – Block erase time (64 kB): 500 ms typical

  – Chip erase time: 7 seconds typical

Package Options

  – 8-pin SOIC 150/208-mil

  – All Pb-free packages are RoHS compliant




Similar Part No. - S25FL208K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Similar Description - S25FL208K

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
4 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
8 Mbit Uniform Sector, Serial Flash Memory
logo
SPANSION
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K CYPRESS-S25FL216K Datasheet
1Mb / 35P
16-Mbit 3.0 V Serial Flash Memory with Uniform 4 kB Sectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com