Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25P80 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25P80 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25P80
Download  EN25P80 Download
File Size   386.87 Kbytes
Page   30 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 8 Mbit Uniform Sector, Serial Flash Memory

EN25P80 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25P80 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25P80
Download  EN25P80 Click to download

File Size   386.87 Kbytes
Page   30 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 8 Mbit Uniform Sector, Serial Flash Memory

EN25P80 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25P80 Product details

DESCRIPTION
he EN25P80 is a 8M-bit (1024K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

FEATURES
• Single power supply operation
    - Full voltage range: 2.7-3.6 volt
• 8 Mbit Serial Flash
    - 8 M-bit/1024 K-byte/4096 pages
    - 256 bytes per programmable page
• High performance
    - 75MHz clock rate
• Low power consumption
    - 5 mA typical active current
    - 1 μA typical power down current
• Uniform Sector Architecture:
    - Sixteen 64-Kbyte sectors
• Software and Hardware Write Protection:
    - Write Protect all or portion of memory via software
    - Enable/Disable protection with WP# pin
• High performance program/erase speed
    - Byte program time: 7µs typical
    - Page program time: 1.5ms typical
    - Sector erase time: 800ms typical
    - Chip erase time: 10 Seconds typical
• Minimum 100K endurance cycle
• Package Options
    - 8 pins SOP 200mil body width
    - 8 contact VDFN
    - All Pb-free packages are RoHS compliant
• Commercial and industrial temperature Range




Similar Part No. - EN25P80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GC EON-EN25P05-100GC Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GCP EON-EN25P05-100GCP Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GI EON-EN25P05-100GI Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GIP EON-EN25P05-100GIP Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
More results


Similar Description - EN25P80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
1 Mbit Uniform Sector, Serial Flash Memory
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
2 Mbit Uniform Sector, Serial Flash Memory
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
32 Mbit Uniform Sector, Serial Flash Memory
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25T80 EON-EN25T80 Datasheet
460Kb / 34P
8 Mbit Uniform Sector, Serial Flash Memory with Dual Data Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com