Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25P10 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25P10 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25P10
Download  EN25P10 Download
File Size   385.47 Kbytes
Page   31 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 1 Mbit Uniform Sector, Serial Flash Memory

EN25P10 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25P10 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25P10
Download  EN25P10 Click to download

File Size   385.47 Kbytes
Page   31 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 1 Mbit Uniform Sector, Serial Flash Memory

EN25P10 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25P10 Product details

GENERAL DESCRIPTION

The EN25P10 is a 1M-bit (128K-byte) Serial Flash memory, with advanced write protection

mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to

256 bytes at a time, using the Page Program instruction. The EN25P10 is designed to allow either single Sector at a time or full chip erase operation. The EN25P10 can be configured to protect part of the memory as the software protected mode. The device can sustain a minimum of 100K program/erase cycles on each sector.



FEATURES

• Single power supply operation

- Full voltage range: 2.7-3.6 volt

• 1 M-bit Serial Flash

- 1 M-bit/128 K-byte/512 pages

- 256 bytes per programmable page

•High performance

- 100MHz clock rate

• Low power consumption

- 5 mA typical active current

- 1 μA typical power down current

• Uniform Sector Architecture:

- Four 32-Kbyte sectors




Similar Part No. - EN25P10

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FC EON-EN25P16-50FC Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FCP EON-EN25P16-50FCP Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FI EON-EN25P16-50FI Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FIP EON-EN25P16-50FIP Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
More results


Similar Description - EN25P10

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
2 Mbit Uniform Sector, Serial Flash Memory
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
32 Mbit Uniform Sector, Serial Flash Memory
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
8 Mbit Uniform Sector, Serial Flash Memory
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com