Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7630 Datasheet (PDF) - Analog Devices

ADV7630 Datasheet PDF - Analog Devices
Part # ADV7630
Download  ADV7630 Download
File Size   298.19 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.25 GHz XpressView HDMI 1:2 Splitter with 4:1 Input Mux

ADV7630 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7630 Datasheet PDF - Analog Devices

Part # ADV7630
Download  ADV7630 Click to download

File Size   298.19 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.25 GHz XpressView HDMI 1:2 Splitter with 4:1 Input Mux

ADV7630 Datasheet (HTML) - Analog Devices




Similar Part No. - ADV7630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604 Datasheet
354Kb / 20P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Sep-2013
ADV7604BBCZ-5 AD-ADV7604BBCZ-5 Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604BBCZ-5 AD-ADV7604BBCZ-5 Datasheet
354Kb / 20P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Sep-2013
ADV7604BBCZ-5P AD-ADV7604BBCZ-5P Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
More results


Similar Description - ADV7630

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP15V MICREL-SY100EP15V Datasheet
104Kb / 8P
3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
logo
Motorola, Inc
MC100ES6130 MOTOROLA-MC100ES6130 Datasheet
280Kb / 8P
2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Silicon Laboratories
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Pericom Semiconductor C...
PI3WVR31310A PERICOM-PI3WVR31310A Datasheet
1Mb / 16P
DP/HDMI 1:3 De-mux/Mux switches
logo
Analog Devices
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
Dual Port, Xpressview, 3 GHz HDMI Receiver
10/15-Rev. C to Rev. D
logo
Diodes Incorporated
PI3WVR31310A DIODES-PI3WVR31310A Datasheet
1Mb / 17P
DP/HDMI 1:3 De-mux/Mux Switches
01/09/17
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Skyworks Solutions Inc.
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
SI53312 SKYWORKS-SI53312 Datasheet
2Mb / 33P
1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 1.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com