Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2721GV Datasheet (PDF) - NEC

UPC2721GV Datasheet PDF - NEC
Part # UPC2721GV
Download  UPC2721GV Download
File Size   50.03 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MMIC L BAND DOWNCONVERTER

UPC2721GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2721GV Datasheet PDF - NEC

Part # UPC2721GV
Download  UPC2721GV Click to download

File Size   50.03 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MMIC L BAND DOWNCONVERTER

UPC2721GV Datasheet (HTML) - NEC


UPC2721GV Product details

DESCRIPTION

The µPC2721/2722 are Silicon monolithic ICs designed for L-band down converter. These ICs consist of double balanced mixer, local oscillator, local oscillation buffer amplifier, IF amplifier, and voltage regulator.

The packages are 8 pin SOP or SSOP suitable for high-density surface mount.



FEATURES

• Wide band operation fRF = 0.9 to 2.0 GHz

• Two products in IF output variation are prepared

   µPC2721: Emitter follower output type = 50 Ω constant resistive impedance

   µPC2722: Open collector output type = High impedance output dependent on external inductance.

• Single-end push-pull IF amplifier suppresses fluctuation in output impedance.

• Supply voltage: 5 V

• Low current consumption (µPC2721: ICC = 38 mA typ., µPC2722: ICC = 28 mA typ.)

• Packaged in 8 pin SOP or SSOP suitable for high-density mounting



 




Similar Part No. - UPC2721GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2721GV CEL-UPC2721GV Datasheet
258Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
logo
NEC
UPC2721GV-E1 NEC-UPC2721GV-E1 Datasheet
90Kb / 12P
GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
logo
California Eastern Labs
UPC2721GV-E1 CEL-UPC2721GV-E1 Datasheet
258Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
UPC2721GV-E1-A CEL-UPC2721GV-E1-A Datasheet
258Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
More results


Similar Description - UPC2721GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2756TB NEC-UPC2756TB Datasheet
147Kb / 16P
MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER
UPG139GV NEC-UPG139GV Datasheet
52Kb / 8P
L-BAND DPDT MMIC SWITCH
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
800MHz BAND DOWNCONVERTER GaAs MMIC
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
UPC2734GR NEC-UPC2734GR Datasheet
77Kb / 5P
SILICON MMIC L-BAND DOWNCONVERTER
logo
Eudyna Devices Inc
FMM5107MLT4E1 EUDYNA-FMM5107MLT4E1 Datasheet
237Kb / 3P
MMIC X/Ku-Band DBS Downconverter
logo
California Eastern Labs
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
UPC2721GV CEL-UPC2721GV Datasheet
258Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
logo
NEC
UPC2782GR NEC-UPC2782GR_00 Datasheet
57Kb / 8P
SILICON MMIC L/S BAND DOWNCONVERTER
UPC2743GS NEC-UPC2743GS Datasheet
65Kb / 3P
SILICON MMIC UHF/VHF DUAL DOWNCONVERTER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com