Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2756TB Datasheet (PDF) - NEC

UPC2756TB Datasheet PDF - NEC
Part # UPC2756TB
Download  UPC2756TB Download
File Size   147.13 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER

UPC2756TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2756TB Datasheet PDF - NEC

Part # UPC2756TB
Download  UPC2756TB Click to download

File Size   147.13 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER

UPC2756TB Datasheet (HTML) - NEC


UPC2756TB Product details

DESCRIPTION
The µPC2756TB is a silicon monolithic integrated circuit designed as L band frequency downconverter for receiver stage of wireless systems. The IC consists of mixer and local oscillator. The TB suffix IC which is smaller package than conventional T suffix IC contributes to reduce your system size.
The µPC2756TB is manufactured using NEC’s 20GHz fT NESAT™ III silicon bipolar process. This process uses silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.

FEATURES
• Wideband operation : fRFin = 0.1 GHz to 2.0 GHz, fIFout = 10 MHz to 300 MHz
• High-density surface mounting : 6-pin super mini mold package
• Low current consumption : ICC = 6.0 mA TYP. @ VCC = 3.0 V
• Supply voltage : VCC = 2.7 to 3.3 V
• Suppressed spurious signals : Due to double balanced mixer
• Equable output impedance : Single-end push-pull IF amplifier
• Equable temperature-drift oscillator : Differential amplifier type oscillator

APPLICATIONS
• Data carrier up to 2.0 GHz MAX.
• Wireless LAN up to 2.0 GHz MAX.




Similar Part No. - UPC2756TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2756TB NEC-UPC2756TB Datasheet
164Kb / 9P
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
UPC2756TB NEC-UPC2756TB Datasheet
120Kb / 16P
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
California Eastern Labs
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
logo
Renesas Technology Corp
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC2756TB-E3 RENESAS-UPC2756TB-E3 Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results


Similar Description - UPC2756TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
800MHz BAND DOWNCONVERTER GaAs MMIC
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
UPC2721GV NEC-UPC2721GV Datasheet
50Kb / 5P
SILICON MMIC L BAND DOWNCONVERTER
UPC2734GR NEC-UPC2734GR Datasheet
77Kb / 5P
SILICON MMIC L-BAND DOWNCONVERTER
logo
Eudyna Devices Inc
FMM5107MLT4E1 EUDYNA-FMM5107MLT4E1 Datasheet
237Kb / 3P
MMIC X/Ku-Band DBS Downconverter
logo
California Eastern Labs
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
UPC2721GV CEL-UPC2721GV Datasheet
258Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
logo
NEC
UPC2782GR NEC-UPC2782GR_00 Datasheet
57Kb / 8P
SILICON MMIC L/S BAND DOWNCONVERTER
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com