Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718SEDS Datasheet (PDF) - Wolfson Microelectronics plc

WM8718SEDS Datasheet PDF - Wolfson Microelectronics plc
Part # WM8718SEDS
Download  WM8718SEDS Download
File Size   284.49 Kbytes
Page   27 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL

WM8718SEDS Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8718SEDS Datasheet PDF - Wolfson Microelectronics plc

Part # WM8718SEDS
Download  WM8718SEDS Click to download

File Size   284.49 Kbytes
Page   27 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL

WM8718SEDS Datasheet (HTML) - Wolfson Microelectronics plc


WM8718SEDS Product details

DESCRIPTION

The WM8718 is a high performance differential stereo DAC designed for audio applications such as DVD, home theatre systems and digital TV. The WM8718 supports PCM data input word lengths from 16 to 32-bits and sampling rates up to 192kHz. The WM8718 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and differential stereo DAC in a small 20-lead SSOP package or 24-lead QFN package. The WM8718 includes a digitally controllable mute, an attenuate function and zero flag output for each channel.

The 3-wire serial control port provides access to a wide range of features including on-chip mute, attenuation and phase reversal.



FEATURES

• 24 bit Stereo DAC

• Fully Differential Voltage Outputs

• Audio Performance

   - 111dB SNR (‘A’ weighted @ 48kHz) DAC

   - -100dB THD

• DAC Sampling Frequency: 8kHz - 192kHz

• 3 Wire Serial Control Interface

• Programmable Audio Data Interface Modes

   - I2S, Left, Right Justified, DSP

   - 16/20/24/32 bit Word Lengths

• Independent Digital Volume Control on Each Channel with 127.5dB Range in 0.5dB Steps

• Independent Zero Flag Outputs

• 3.0V - 5.5V Supply Operation

• 20-lead SSOP Package or 24-lead QFN Package



APPLICATIONS

• CD, DVD, and DVD-Audio Players

• Home theatre systems

• Professional mixing desks



 




Similar Part No. - WM8718SEDS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8718SEDS WOLFSON-WM8718SEDS Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8718SEDS/R WOLFSON-WM8718SEDS/R Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
More results


Similar Description - WM8718SEDS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Cirrus Logic
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
24-Bit, 192 kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com