Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8706 Datasheet (PDF) - Wolfson Microelectronics plc

WM8706 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8706
Download  WM8706 Download
File Size   237.31 Kbytes
Page   24 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz Stereo DAC with Volume Control

WM8706 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8706 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8706
Download  WM8706 Click to download

File Size   237.31 Kbytes
Page   24 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz Stereo DAC with Volume Control

WM8706 Datasheet (HTML) - Wolfson Microelectronics plc


WM8706 Product details

DESCRIPTION
The WM8706 is a high performance stereo DAC designed for audio applications such as DVD, home theatre systems, and digital TV. The WM8706 supports data input word lengths from 16 to 32-bits and sampling rates up to 192kHz. The WM8706 can implement 2 channels at 192kHz for high-end DVD-Audio. The WM8706 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and stereo DAC in a small 28-pin SSOP package. The WM8706 also includes a digitally controllable mute and attenuate function on each channel.
The WM8706 supports a variety of connection schemes for audio DAC control. The MPU serial port provides access to a wide range of features including on-chip mute, attenuation and phase reversal. A hardware controllable interface is also available. It is pin-compatible with the WM8716 provided the oscillator circuit on WM8716 is not required in the application.
The WM8706 is an ideal device to interface to AC-3, DTS, and MPEG audio decoders for surround sound applications, or for use in DVD players supporting DVD-A.

FEATURES
• Stereo DAC
• Audio Performance
   - 106dB SNR (‘A’ weighted @ 48kHz) DAC
   - -97dB THD
• DAC Sampling Frequency: 8kHz – 192kHz
• 3-Wire Serial Control Interface or Hardware Control
• Programmable Audio Data Interface Modes
   - I2S, Left, Right Justified, DSP
   - 16/20/24/32 bit Word Lengths
• Independent Digital Volume Control on Each Channel with
   127.5dB Range in 0.5dB Steps
• 3.0V – 5.5V Supply Operation
• 28-Pin SSOP Package
• Exceeds Dolby Class A Performance Requirements

APPLICATIONS
• DVD-Audio and DVD ‘Universal’ Players
• Home theatre systems
• Digital TV
• Digital broadcast receivers




Similar Part No. - WM8706

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8706SEDS WOLFSON-WM8706SEDS Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8706SEDS/R WOLFSON-WM8706SEDS/R Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Similar Description - WM8706

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728 Datasheet
266Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com