Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728 Datasheet (PDF) - Wolfson Microelectronics plc

WM8728 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8728
Download  WM8728 Download
File Size   266.75 Kbytes
Page   28 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz Stereo DAC with Volume Control and DSD Support

WM8728 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8728 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8728
Download  WM8728 Click to download

File Size   266.75 Kbytes
Page   28 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz Stereo DAC with Volume Control and DSD Support

WM8728 Datasheet (HTML) - Wolfson Microelectronics plc


WM8728 Product details

DESCRIPTION
The WM8728 is a high performance stereo DAC designed for audio applications such as DVD, home theatre systems, and digital TV. The WM8728 supports PCM data input word lengths from 16 to 32-bits and sampling rates up to 192kHz. The WM8728 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and stereo DAC in a small 20-pin SSOP package. The WM8728 also includes a digitally controllable mute and attenuate function for each channel.

FEATURES
• Stereo DAC with 24 bit PCM
• Audio Performance
    - 106dB SNR (‘A’ weighted @ 48kHz) DAC
    - -97dB THD
• DAC Sampling Frequency: 8kHz - 192kHz
• 2 or 3-Wire Serial Control Interface or Hardware Control
• Programmable Audio Data Interface Modes
    - I2S, Left, Right Justified, DSP
    - 16/20/24/32 bit Word Lengths
• Independent Digital Volume Control on Each Channel with 127.5dB Range in 0.5dB Steps
• 3.0V - 5.5V Supply Operation
• 20-pin SSOP Package
• Exceeds Dolby Class A Performance Requirements

APPLICATIONS
• DVD-Audio and DVD ‘Universal’ Players
• Home theatre systems
• Digital TV
• Digital broadcast receivers




Similar Part No. - WM8728

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8728SEDS WOLFSON-WM8728SEDS Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728SEDS ETC2-WM8728SEDS Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8728SEDS/R WOLFSON-WM8728SEDS/R Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Similar Description - WM8728

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4383 AKM-AK4383 Datasheet
280Kb / 25P
192kHz 24-Bit 2ch DAC with DSD input
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
192kHz 24-Bit 6ch DAC with DSD Input
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com