Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569 Datasheet (PDF) - Wolfson Microelectronics plc

WM8569 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8569
Download  WM8569 Download
File Size   417.2 Kbytes
Page   36 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz Stereo CODEC with Volume Control

WM8569 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8569 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8569
Download  WM8569 Click to download

File Size   417.2 Kbytes
Page   36 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz Stereo CODEC with Volume Control

WM8569 Datasheet (HTML) - Wolfson Microelectronics plc


WM8569 Product details

DESCRIPTION

The WM8569 is a stereo audio codec ideal for DVD, PVR, LCD-TV and automotive applications. Independent ADC and DAC clocking permits separate record and playback sampling rates.

A stereo 24-bit multi-bit sigma delta DAC with oversampling and digital interpolation filters provides the output signal. Digital audio input word lengths from 16-24 bits and sampling rates from 8kHz to 192kHz are supported.

A stereo 24-bit multi-bit sigma delta ADC is used. Digital audio output word lengths from 16-24 bits and sampling rates from 32kHz to 96kHz are supported. The DAC and ADC support independent sampling rates.

The audio data interface supports I2S, left justified, right justified and DSP digital audio formats.



FEATURES

• Audio Performance

   − 103dB SNR (‘A’ weighted @ 48kHz) DAC

   − DAC Sampling Frequency: 8kHz – 192kHz

   − 100dB SNR (‘A’ weighted @ 48kHz) ADC

   − ADC Sampling Frequency: 32kHz – 96kHz

• Independent Sampling Rates for ADC and DAC

• 3-wire SPI Serial or Hardware Control Interface

• Audio Mute and De-Emphasis Functions

• Programmable Audio Data Interface Modes

   − 16/20/24/32 bit Word Lengths

   − I2S, Left, Right Justified or DSP

• 2.7V to 5.5V Analogue Supply

• 2.7V to 3.6V Digital Supply

• 28-lead SSOP Package



APPLICATIONS

• DVD Recorder

• Personal Video Recorder

• PC Sound Card

• Automotive Audio

• LCD-TV



 




Similar Part No. - WM8569

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569SEDS/RV WOLFSON-WM8569SEDS/RV Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569SEDS/V WOLFSON-WM8569SEDS/V Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
More results


Similar Description - WM8569

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com