Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8770 Datasheet (PDF) - Wolfson Microelectronics plc

WM8770 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8770
Download  WM8770 Download
File Size   564.45 Kbytes
Page   52 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz 8-Channel Codec with Volume Control

WM8770 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8770 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8770
Download  WM8770 Click to download

File Size   564.45 Kbytes
Page   52 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz 8-Channel Codec with Volume Control

WM8770 Datasheet (HTML) - Wolfson Microelectronics plc


WM8770 Product details

DESCRIPTION

The WM8770 is a high performance, multi-channel audio codec. The WM8770 is ideal for surround sound processing applications for home hi-fi, automotive and other audio visual equipment. A stereo 24-bit multi-bit sigma delta ADC is used with an eight stereo channel input selector. Each channel has analogue domain mute and programmable gain control. Digital audio output word lengths from 16-32 bits and sampling rates from 8kHz to 96kHz are supported.



FEATURES

• Audio Performance

− 106dB SNR (‘A’ weighted @ 48kHz) DAC

− 102dB SNR (‘A’ weighted @ 48kHz) ADC

• DAC Sampling Frequency: 8KHz – 192kHz

• ADC Sampling Frequency: 8KHz – 96kHz

• 3-Wire SPI or CCB MPU Serial Control Interface

• Master or Slave Clocking Mode

• Programmable Audio Data Interface Modes

− I2S, Left, Right Justified or DSP

− 16/20/24/32 bit Word Lengths

• Four Independent stereo DAC outputs with independent

analogue and digital volume controls

• Analogue Bypass Path Feature

• Six channel selectable AUX input to the volume controls

• Eight stereo ADC inputs with analogue gain adjust from

+19dB to –12dB in 1dB steps

• 2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation

• 5V tolerant digital inputs



APPLICATIONS

• Surround Sound AV Processors and Hi-Fi systems

• Automotive Audio




Similar Part No. - WM8770

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8771FT WOLFSON-WM8771FT Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8771FTV WOLFSON-WM8771FTV Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8771FV WOLFSON-WM8771FV Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
More results


Similar Description - WM8770

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com