Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8771 Datasheet (PDF) - Wolfson Microelectronics plc

WM8771 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8771
Download  WM8771 Download
File Size   339.47 Kbytes
Page   44 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz 8-Channel Codec

WM8771 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8771 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8771
Download  WM8771 Click to download

File Size   339.47 Kbytes
Page   44 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz 8-Channel Codec

WM8771 Datasheet (HTML) - Wolfson Microelectronics plc


WM8771 Product details

DESCRIPTION
The WM8771 is a high performance, multi-channel audio codec. The WM8771 is ideal for surround sound processing applications for home hi-fi, automotive and other audio visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used with a three channel input selector. Each channel has analogue domain mute and programmable gain control. Digital audio output word lengths from 16-32 bits and sampling rates from 8kHz to 96kHz are supported.

FEATURES
• Audio Performance
    − 108dB SNR (‘A’ weighted @ 48kHz) DAC
    − 97dB SNR (‘A’ weighted @ 48kHz) ADC
• DAC Sampling Frequency: 8kHz – 192kHz
• ADC Sampling Frequecncy: 8kHz – 96kHz
• 3-Wire SPI or CCB MPU Serial Control Interface
• Master or Slave Clocking Mode
• Programmable Audio Data Interface Modes
    − I2S, Left, Right Justified or DSP
    − 16/20/24/32 bit Word Lengths
• Four Independent Stereo DAC Audio Outputs
• Eight stereo ADC inputs with analogue gain adjust from +19dB to –12dB in 1dB steps
• 2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation
• 5V tolerant digital inputs
• 64-Pin TQFP Package

APPLICATIONS
• Surround Sound Processors
• Automotive Audio




Similar Part No. - WM8771

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFT WOLFSON-WM8770SIFT Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFV WOLFSON-WM8770SIFV Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8772 WOLFSON-WM8772 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
More results


Similar Description - WM8771

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
24 BIT 192KHZ STEREO CODEC
WM8774 WOLFSON-WM8774 Datasheet
367Kb / 42P
24 - bit, 192kHz 8 - Channel Input Stereo Codec
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8593 WOLFSON-WM8593_07 Datasheet
1,014Kb / 98P
24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8594 WOLFSON-WM8594_07 Datasheet
788Kb / 78P
24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
WM8595 WOLFSON-WM8595 Datasheet
804Kb / 82P
24-bit 192kHz 2Vrms Multi-Channel CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com