Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8771 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8771
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8771 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
w
w
w
w
WM8771
24-bit, 192kHz 8-Channel Codec
WOLFSON MICROELECTRONICS LTD
w :: www.wolfsonmicro.com
Product Preview, December 2001, Rev 2.0
Copyright
2001 Wolfson Microelectronics Ltd.
DESCRIPTION
The WM8771 is a high performance, multi-channel audio
codec. The WM8771 is ideal for surround sound processing
applications for home hi-fi, automotive and other audio
visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used with a
three channel input selector. Each channel has analogue
domain mute and programmable gain control. Digital audio
output word lengths from 16-32 bits and sampling rates
from 8kHz to 96kHz are supported.
Four stereo 24-bit multi-bit sigma delta DACs are used with
oversampling digital interpolation filters. Digital audio input
word lengths from 16-32 bits and sampling rates from 8kHz
to
192kHz
are
supported.
Each
DAC
channel
has
independent digital attenuation and mute control. The audio
data interface supports I2S, left justified, right justified and
DSP digital audio formats.
The device is controlled via a 3 wire serial interface. The
interface provides access to all features including channel
selection, volume controls, mutes, de-emphasis and power
management facilities. The device is available in a 64-pin
TQFP package.
FEATURES
•
Audio Performance
−
108dB SNR (‘A’ weighted @ 48kHz) DAC
−
97dB SNR (‘A’ weighted @ 48kHz) ADC
•
DAC Sampling Frequency: 8kHz – 192kHz
•
ADC Sampling Frequecncy: 8kHz – 96kHz
•
3-Wire SPI or CCB MPU Serial Control Interface
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Four Independent Stereo DAC Audio Outputs
•
Eight stereo ADC inputs with analogue gain adjust from
+19dB to –12dB in 1dB steps
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
•
5V tolerant digital inputs
•
64-Pin TQFP Package
APPLICATIONS
•
Surround Sound Processors
•
Automotive Audio
BLOCK DIAGRAM
VOUT1L
VOUT1R
VOUT2L
VOUT2R
VOUT3L
VOUT3R
VOUT4L
VOUT4R
STEREO
ADC
AUDIO INTERFACE
&
DIGITAL FILTERS
AIN2R
AIN3L
AIN3R
AIN4L
AIN4R
AIN5L
AIN5R
AIN6L
AIN6R
CONTROL INTERFACE
LOW
PASS
FILTERS
LOW
PASS
FILTERS
LOW
PASS
FILTERS
LOW
PASS
FILTERS
AIN2L
AIN1R
AIN1L
AIN7L
AIN7R
AIN8L
AIN8R
w
WM8771
DIGITAL
FILTERS
DIGITAL
FILTERS
DIGITAL
FILTERS
DIGITAL
FILTERS
REC1L
REC1R
REC2L
REC2R
REC3L
REC3R
MUTE
MUTE
MUTE
STEREO
DAC
STEREO
DAC
STEREO
DAC
STEREO
DAC
AINOPR
AINOPL
CCB is a trademark of SANYO ELECTRIC CO., LTD
CCB is SANYO’s original bus format and all the bus addresses are controlled by SANYO.


Similar Part No. - WM8771

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFT WOLFSON-WM8770SIFT Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFV WOLFSON-WM8770SIFV Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8772 WOLFSON-WM8772 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
More results

Similar Description - WM8771

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
24 BIT 192KHZ STEREO CODEC
WM8774 WOLFSON-WM8774 Datasheet
367Kb / 42P
24 - bit, 192kHz 8 - Channel Input Stereo Codec
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8593 WOLFSON-WM8593_07 Datasheet
1,014Kb / 98P
24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8594 WOLFSON-WM8594_07 Datasheet
788Kb / 78P
24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
WM8595 WOLFSON-WM8595 Datasheet
804Kb / 82P
24-bit 192kHz 2Vrms Multi-Channel CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com