Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8771 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8771
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8771 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
WM8771
Product Preview
w
PP Rev 2.0 December 2001
12
CE
CL
DI
t
SCY
t
SCH
t
SCL
t
DSU
t
DHO
t
CS
t
CP
A7
t
CH
D15
t
RCES tRCLH
RESETB
Figure 7 3 wire CCB compatible Interface Input Timing Information – CL stopped low
CE
CL
DI
t
SCY
t
SCH
t
SCL
t
DSU
t
DHO
t
CS
t
CP
A7
t
CH
D15
t
RCES tRCLH
RESETB
Figure 8 3 wire CCB compatible Interface Input Timing Information – CL stopped high
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CE to RESETB setup time
tRCES
20
ns
RESETB to CL hold time
tRCLH
20
ns
DI to CL setup time
tDSU
20
ns
CL to DI hold time
tDHO
20
ns
CL to CE setup time
tCS
20
ns
CE to CL wait time
tCP
20
ns
CL to CE hold time
tCH
20
ns
CL pulse width high
tSCH
30
ns
CL pulse width low
tSCL
30
ns
CL pulse cycle time
tSCY
80
ns
Table 5 3 wire CCB compatible Interface Input Timing Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com