Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8770 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8770 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
w
WM8770
24-bit, 192kHz 8-Channel Codec with Volume Control
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, June 2005, Rev 4.1
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8770 is a high performance, multi-channel audio
codec. The WM8770 is ideal for surround sound processing
applications for home hi-fi, automotive and other audio
visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used with an
eight stereo channel input selector. Each channel has
analogue domain mute and programmable gain control.
Digital audio output word lengths from 16-32 bits and
sampling rates from 8kHz to 96kHz are supported.
Four stereo 24-bit multi-bit sigma delta DACs are used with
oversampling digital interpolation filters. Digital audio input
word lengths from 16-32 bits and sampling rates from 8kHz
to
192kHz
are
supported.
Each
DAC
channel
has
independent analogue volume and mute control, with a set
of input multiplexors allowing selection of an external 3
channel stereo analogue input into these volume controls.
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats.
The device is controlled via a 3 wire serial interface. The
interface provides access to all features including channel
selection, volume controls, mutes, de-emphasis and power
management facilities. The device is available in a 64-lead
TQFP package.
FEATURES
•
Audio Performance
−
106dB SNR (‘A’ weighted @ 48kHz) DAC
−
102dB SNR (‘A’ weighted @ 48kHz) ADC
•
DAC Sampling Frequency: 8KHz – 192kHz
•
ADC Sampling Frequency: 8KHz – 96kHz
•
3-Wire SPI or CCB MPU Serial Control Interface
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Four Independent stereo DAC outputs with independent
analogue and digital volume controls
•
Analogue Bypass Path Feature
•
Six channel selectable AUX input to the volume controls
•
Eight stereo ADC inputs with analogue gain adjust from
+19dB to –12dB in 1dB steps
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
•
5V tolerant digital inputs
APPLICATIONS
BLOCK DIAGRAM
•
Surround Sound AV Processors and Hi-Fi systems
•
Automotive Audio
VOUT1L
VOUT1R
VOUT2L
VOUT2R
VOUT3L
VOUT3R
VOUT4L
VOUT4R
STEREO
ADC
AUDIO INTERFACE
AND
DIGITAL FILTERS
STEREO
DAC
STEREO
DAC
STEREO
DAC
STEREO
DAC
AIN2R
AIN3L
AIN3R
AIN4L
AIN4R
AIN5L
AIN5R
AIN6L
AIN6R
RECL
RECR
AINOPR
AINOPL
CONTROL INTERFACE
AIN2L
AIN1R
AIN1L
AIN7L
AIN7R
AIN8L
AIN8R
W
WM8770
MUTE
LOW
PASS
FILTERS
LOW
PASS
FILTERS
LOW
PASS
FILTERS
LOW
PASS
FILTERS
CCB is a trademark of SANYO ELECTRIC CO., LTD
CCB is SANYO’s original bus format and all the bus addresses are controlled by SANYO.


Similar Part No. - WM8770

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8771FT WOLFSON-WM8771FT Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8771FTV WOLFSON-WM8771FTV Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8771FV WOLFSON-WM8771FV Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
More results

Similar Description - WM8770

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com