Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8770 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
L1A[6:0]
1111111
(0dB)
Attenuation Data for Left Channel DACL1 in 1dB steps. See Table
11
7
L1ZCEN
0
DACL1 Zero Cross Detect Enable
0: zero cross disabled
1: zero cross enabled
00000
Analogue
Attenuation
DACL1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL1 in intermediate latch (no change to output)
1: Store DACL1 and update attenuation on all channels.
6:0
R1A[6:0]
1111111
(0dB)
Attenuation Data for Left channel DACL1 in 1dB steps. See Table
11
7
R1ZCEN
0
DACR1 Zero Cross Detect Enable
0: zero cross disabled
1: zero cross enabled
00001
Analogue
Attenuation
DACR1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR1 in intermediate latch (no change to output)
1: Store DACR1 and update attenuation on all channels.
6:0
L2A[6:0]
1111111
(0dB)
Attenuation Data for Left Channel DACL2 in 1dB Steps. See
Table 11
7
L2ZCEN
0
DACL2 Zero Cross Detect Enable
0: zero cross disabled
1: zero cross enabled
00010
Analogue
Attenuation
DACL2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL2 in intermediate latch (no change to output)
1: Store DACL2 and update attenuation on all channels.
6:0
R2A[6:0]
1111111
(0dB)
Attenuation Data for Right Channel DACR2 in 1dB steps. See
Table 11
7
R2ZCEN
0
DACR2 Zero Cross Detect Enable
0: zero cross disabled
1: zero cross enabled
00011
Analogue
Attenuation
DACR2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR2 in intermediate latch (no change to output)
1: Store DACR2 and update attenuation on all channels.
6:0
L3A[6:0]
1111111
(0dB)
Attenuation Data for Left channel DACL3 in 1dB steps. See Table
11
7
L3ZCEN
0
DACL2 Zero Cross Detect Enable
0: zero cross disabled
1: zero cross enabled
00100
Analogue
Attenuation
DACL3
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL3 in intermediate latch (no change to output)
1: Store DACL3 and update attenuation on all channels.
6:0
R3A[6:0]
1111111
(0dB)
Attenuation Data for Left channel DACL3 in 1dB steps. Table 11
7
R3ZCEN
0
DACR2 Zero Cross Detect Enable
0: zero cross disabled
1: zero cross enabled
00101
Analogue
Attenuation
DACR3
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR3 in intermediate latch (no change to output)
1: Store DACR3 and update attenuation on all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com