Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8728 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
WM8728
24-bit, 192kHz Stereo DAC
with Volume Control and DSD Support
Product Preview, Rev 1.2, April 2001
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Product Preview data sheets contain
specifications for products in the
formative phase of development. These
products may be changed or discontinued
without notice.
2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM8728 is a high performance stereo DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8728 supports PCM data input word
lengths from 16 to 32-bits and sampling rates up to 192kHz.
Alternatively the WM8728 can operate in DSD compatible
mode where a 64x bitstream is input for each channel. The
WM8728
consists
of
a
serial
interface
port,
digital
interpolation filters, multi-bit sigma delta modulators and
stereo DAC in a small 20-pin SSOP package. The WM8728
also includes a digitally controllable mute and attenuate
function for each channel.
The WM8728 supports a variety of connection schemes for
audio DAC control. The 2 or 3-wire MPU serial port provides
access to a wide range of features including on-chip mute,
attenuation and phase reversal. A hardware controllable
interface is also available (DSD operation is only possible in
hardware mode).
The WM8728 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in DVD players supporting DVD-A.
FEATURES
•
Stereo DAC with 24 bit PCM or single bit DSD operation
•
Audio Performance
-
106dB SNR (‘A’ weighted @ 48kHz) DAC
-
-97dB THD
•
DAC Sampling Frequency: 8kHz - 192kHz
•
2 or 3-Wire Serial Control Interface or Hardware Control
•
Programmable Audio Data Interface Modes
-
I
2S, Left, Right Justified, DSP
-
16/20/24/32 bit Word Lengths
•
Independent Digital Volume Control on Each Channel with
127.5dB Range in 0.5dB Steps
•
3.0V - 5.5V Supply Operation
•
20-pin SSOP Package
•
Exceeds Dolby Class A Performance Requirements
APPLICATIONS
•
DVD-Audio and DVD ‘Universal’ Players
•
Home theatre systems
•
Digital TV
•
Digital broadcast receivers
BLOCK DIAGRAM
SERIAL
INTERFACE
MUTE/
ATTEN
CONTROL INTERFACE
BCKIN
SIGMA
DELTA
MODULATOR
LRCIN
DIN
MUTE/
ATTEN
SIGMA
DELTA
MODULATOR
DIGITAL FILTERS
MCLK
DVDD
AVDD
MUTEB
SDIDEM
SCKDSD
LATI2S
MODE
CSBIWL
ZERO
VOUTL
VOUTR
VMID
AGND
DGND
LOW
PASS
FILTER
LOW
PASS
FILTER
RIGHT
DAC
LEFT
DAC
MUX
MUX
PCM/DSD
WM8728
VREFP VREFN


Similar Part No. - WM8728

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8728SEDS WOLFSON-WM8728SEDS Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728SEDS ETC2-WM8728SEDS Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8728SEDS/R WOLFSON-WM8728SEDS/R Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
More results

Similar Description - WM8728

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4383 AKM-AK4383 Datasheet
280Kb / 25P
192kHz 24-Bit 2ch DAC with DSD input
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
192kHz 24-Bit 6ch DAC with DSD Input
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com