Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8728 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
WM8728
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
17
SOFTWARE CONTROL INTERFACE
The software control interface may be operated using a 2-wire interface compatible or 3-wire (SPI-
compatible) interface.
SELECTION OF CONTROL MODE
The WM8728 may be programmed to operate in hardware or software control modes. This is
achieved by setting the state of the MODE pin.
MODE
INTERFACE FORMAT
0
Hardware Control Mode
1
Software Control Mode
Table 5 Control Interface Mode Selection
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
In this mode, SDIDEM is used for the program data, SCKDSD is used to clock in the program
data and LATI2S is used to latch in the program data. The 3-wire interface protocol is shown in
Figure 14.
LATI2S
SCKDSD
SDIDEM
B15
B6
B7
B8
B9
B10
B11
B12
B13
B14
B1
B2
B3
B4
B5
B0
Figure 14 3-Wire Serial Interface
Notes:
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
3.
CSBIWL needs to be low during writes – see Figure 5
2-WIRE SERIAL CONTROL MODE
In 2-wire mode, which is the default, SDIDEM is used for the program data and SCKDSD is used
to clock in the program data see Figure 15.
WM8728 has an address of 001101X (binary) which represents an audio device.
The final
address digit is dependent on pin CSBIWL, which should be tied to either DVDD or DGND. This
allows the device to have a choice of two identification header addresses used in the 2 wire
interface word. This feature allows more than one WM8728 device to be present on the interface
bus.
LATI2S should be tied to either DVDD or DGND, as it is unused. This pin if toggled from low to
high and high to low, will cause the device to enter the 3-wire interface mode and cannot be
placed back into 2-wire mode except by toggling the MODE pin, or powering off the device.
SDIDEM
SCKDSD
ACK
R ADDR
ACK
DATA B15-8
STOP
START
DATA B7-0
R/W
ACK
Figure 15 2-Wire Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com