Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8728 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 28Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
WM8728
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
26
RECOMMENDED DSD EXTERNAL COMPONENTS
20
DVDD
DGND
LATI2S
AGND
AVDD
VMID
C
9
C
8
AGND
7
6
MUTE Control
WM8728
Notes:
1. AGND and DGND should be connected as close to the WM8728 as possible.
2. C
2, C3, C4 and C8 should be positioned as close to the WM8728 as possible.
3. Capacitor types should be carefully chosen. Capacitors with very low ESR are
recommended for optimum performance.
4. When using monophase DSD encoding pin 3 BCKIN should be tied to
DVDD. In Biphase DSD encoding BCKIN runs at 2 cycles per bit.
VREFP
VREFN
C
3
C
4
C
5
C
2
DVDD
C
1
19
SCKDSD
18
SDIDEM
VOUTR
11
C
6
VOUTL
C
7
AC-Coupled
VOUTR/L
to External LPF
16
MODE
17
MUTEB
8
AVDD
4
MCLK
3
BCKIN
2
DIN
DSD right bitstream
DGND
AGND
1
LRCIN
10
14
9
13
+
12
+
+
5
ZERO
15
CSBIWL
DGND
DVDD
DSD left bitstream
DSD bit clock
DSD biphase mode clock
Figure 31 External Connections for DSD Applications
RECOMMENDED EXTERNAL COMPONENTS VALUES FOR DSD
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C5
10
µF
De-coupling for DVDD and AVDD.
C2 to C4
0.1
µF
De-coupling for DVDD and AVDD.
C6 and C7
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C8
0.1
µF
C9
10
µF
Reference de-coupling capacitors for VMID pin.
Table 23 External Components for DSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com