Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8728 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
WM8728
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
10
MPU 2-WIRE INTERFACE TIMING
SCKDSD
SDIDEM
t
SSU tSHD
t
SCY
t
SCH
t
SCL
t
DSU
t
DHD
t
SCR
t
SCF
t
DF
t
DR
t
ESU
Figure 6 Program Register Input Timing - 2-Wire Serial Control Mode
Test Conditions
AVDD, DVDD = 5V, AGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Program Register Input Information
SCKDSD pulse cycle time
tSCY
80
ns
SCKDSD pulse width low
tSCL
20
ns
SCKDSD pulse width high
tSCH
20
ns
SDIDEM to SCKDSD data set-
up time for start signal
tSSU
10
ns
SDIDEM from SCKDSD data
hold time for start signal
tSHD
10
ns
SDIDEM to SCKDSD data set-
up time
tDSU
20
ns
SCKDSD to SDIDEM data hold
time
tDHD
20
ns
SCKDSD rise time
tSCR
5ns
SCKDSD fall time
tSCF
5ns
SDIDEM rise time
tDR
5ns
SDIDEM fall time
tDF
5ns
SDIDEM to SCKDSD data set-
up time for stop signal
tESU
10
ns
Notes:
1.
The address for the device in the 2-wire mode is 001101X (binary) with the last bit selectable.
2.
In the two-wire interface mode, the CSBIWL pin indicates the final bit of the chip address.
3.
In 2-wire mode the LATI2S pin should be tied to either DGND or DVSS to avoid noise toggling the interface into 3-wire
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com