Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8728 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
WM8728
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
16
Figure 12 Application and Release of Soft Mute
The MUTEB pin is an input to select mute or not mute. MUTEB is active low; taking the pin low
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking
MUTEB high again allows data into the filter.
The automute function detects a series of ZERO value audio samples of 1024 samples long
being applied to both channels. After such an event, a latch is set whose output (AUTOMUTED)
is wire OR’ed through a 10kohm resistor to the MUTEB pin. Thus if the MUTEB pin is not being
driven, the automute function will assert mute.
If MUTEB is tied high, AUTOMUTED is overridden and will not mute unless the IZD register bit is
set. If MUTEB is driven from a bi-directional source, then both MUTE and automute functions are
available. If MUTEB is not driven, AUTOMUTED appears as a weak output (10kOhm-source
impedance) so can be used to drive external mute circuits. AUTOMUTED will be removed as
soon as any channel receives a non-ZERO input.
A diagram showing how the various Mute modes interact is shown below Figure 13.
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10k
Ω
MUT (Register Bit)
SOFTMUTE
(Internal
Signal)
MUTEB
PIN
Figure 13 Selection Logic for MUTE Modes
INPUT FORMAT SELECTION
In hardware mode, LATI2S (pin 20) and CSBIWL (pin 15) become input controls for selection of
input data format type and input data word length.
LATI2S
CSBIWL
INPUT DATA MODE
00
24-bit right justified
01
20-bit right justified
10
16-bit I
2S
11
24-bit I
2S
Table 3 Input Format Selection
Note:
In 24 bit I
2S mode, any width of 24 bits or less is supported provided that LRCIN is high for a
minimum of 24 BCKINs and low for a minimum of 24 BCKINs. If exactly 32 BCKINs occur in one
LRCIN (16 high, 16 low) the chip will auto detect and run a 16 bit data mode.
DE-EMPHASIS CONTROL
In hardware mode, SDIDEM (pin 18) becomes an input control for selection of de-emphasis
filtering to be applied.
SDIDEM
DE-EMPHASIS
0Off
1On
Table 4 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com