Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591GEDRV Datasheet (PDF) - Wolfson Microelectronics plc

WM8591GEDRV Datasheet PDF - Wolfson Microelectronics plc
Part # WM8591GEDRV
Download  WM8591GEDRV Download
File Size   495.22 Kbytes
Page   50 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT, 192 KHZ STEREO CODEC

WM8591GEDRV Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8591GEDRV Datasheet PDF - Wolfson Microelectronics plc

Part # WM8591GEDRV
Download  WM8591GEDRV Click to download

File Size   495.22 Kbytes
Page   50 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT, 192 KHZ STEREO CODEC

WM8591GEDRV Datasheet (HTML) - Wolfson Microelectronics plc


WM8591GEDRV Product details

DESCRIPTION
The WM8591 is a high performance, stereo audio CODEC with single-ended inputs and differential outputs. It is ideal for surround sound processing applications for home hi-fi, DVD-RW and other audio visual equipment.
The stereo 24-bit multi-bit sigma delta ADC has programmable gain with limiting control. Digital audio output word lengths from 16-32 bits and sampling rates from 32kHz to 96kHz are supported.

FEATURES
• Audio Performance
    − 110dB SNR (‘A’ weighted @ 48kHz) DAC
    − 102dB SNR (‘A’ weighted @ 48kHz) ADC
• DAC Sampling Frequency: 32kHz – 192kHz
• ADC Sampling Frequency: 32kHz – 96kHz
• Stereo ADC input analogue gain adjust from +24dB to –21dB in 0.5dB steps
• ADC digital gain from -21.5dB to -103dB in 0.5dB steps
• Programmable Limiter on ADC input.
• Stereo DAC with differential analogue line outputs.
• 2-wire Serial Control Interface
• Master or Slave Clocking Mode
• Programmable Audio Data Interface Modes
    − I2S, Left, Right Justified or DSP
    − 16/20/24/32 bit Word Lengths
• 4.5V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation
• 28-lead SSOP Package

APPLICATIONS
• Surround Sound AV Processors and Hi-Fi systems
• DVD-R W




Similar Part No. - WM8591GEDRV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8591GEDS/RV WOLFSON-WM8591GEDS/RV Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8591GEDS/V WOLFSON-WM8591GEDS/V Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
More results


Similar Description - WM8591GEDRV

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com