Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC8N04 Datasheet (PDF) - NXP Semiconductors

LPC8N04 Datasheet PDF - NXP Semiconductors
Part # LPC8N04
Download  LPC8N04 Download
File Size   1218.81 Kbytes
Page   39 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex짰-M0 microcontroller

LPC8N04 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC8N04 Datasheet PDF - NXP Semiconductors

Part # LPC8N04
Download  LPC8N04 Click to download

File Size   1218.81 Kbytes
Page   39 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex짰-M0 microcontroller

LPC8N04 Datasheet (HTML) - NXP Semiconductors


LPC8N04 Product details

General description
The NXP LPC8N04 is an IC optimized for an entry level Cortex-M0+ MCU with built-in NFC interface. LPC8N04 supports an effective system solution with a minimal number of external components for NFC related applications. The embedded ARM Cortex-M0+ offers flexibility to the users of this IC to implement their own dedicated solution. The LPC8N04 contains multiple features, including multiple power-down modes and a selectable CPU frequency of up to 8 MHz, for ultra-low power consumption.

Features and benefits
■System
   ◆ARM Cortex-M0+ processor running at frequencies of up to 8 MHz
   ◆ARM Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC)
   ◆ARM Serial Wire Debug (SWD)
   ◆System tick timer
   ◆IC reset input
■Memory
   ◆32 kB on-chip flash programming memory
   ◆4 kB on-chip EEPROM of which 256 byte can be write protected
   ◆8 kB SRAM
■Digital peripherals
   ◆Up to 12 General Purpose Input Output (GPIO) pins with configurable pull-up/pull-down resistors and repeater mode
   ◆GPIO pins which can be used as edge and level sensitive interrupt sources
   ◆High-current drivers/sinks (20 mA) on four GPIO pins
   ◆High-current drivers/sinks (20 mA) on two I2C-bus pins
   ◆Programmable WatchDog Timer (WDT)
■Analog peripherals
   ◆Temperature sensor with 1.5℃ absolute temperature accuracy between 40℃ and +85℃
■Communication interfaces
   ◆NFC/RFID ISO 14443 type A interface
   ◆I2C-bus interface supporting full I2C-bus specification and fast mode with a data rate of 400 kbit/s, with multiple address recognition and monitor mode
■Energy harvesting functionality to power the LPC8N04.
■Clock generation
   ◆8 MHz internal RC oscillator, trimmed to 2 % accuracy, which is used for the system clock
   ◆Timer oscillator operating at 32 kHz linked to the RTC timer unit
■Power control
   ◆Support for 1.72 V to 3.6 V external voltages
   ◆The LPC8N04 can also be powered from the NFC field
   ◆Activation via NFC possible
   ◆Integrated Power Management Unit (PMU) for versatile control of power consumption
   ◆Four reduced power modes for ARM Cortex-M0+: sleep, deep sleep, deep power-down and battery off
   ◆Power gating for each analog peripheral for ultra-low power operation
   ◆< 50 nA IC current consumption in battery off mode at 3.0 V
   ◆Power-On Reset (POR)
■Unique device serial number for identification

Applications
■ Configurable LED strip/christmas tree LEDs via NFC
■ Smart toy/interactive robot data logger
■ Buttonless/contactless control panel
■ Contactless diagnostic
■ NFC e-locker
■ Smart manufacturing
■ NFC OTA




Similar Part No. - LPC8N04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC8N04FHI24 NXP-LPC8N04FHI24 Datasheet
1Mb / 38P
32-bit ARM Cortex-M0 microcontroller
11 December 2017
LPC8N04FHI24E NXP-LPC8N04FHI24E Datasheet
1Mb / 38P
32-bit ARM Cortex-M0 microcontroller
11 December 2017
LPC8N04FHI24E NXP-LPC8N04FHI24E Datasheet
1Mb / 39P
Layerscape LS1012A Freeway
04/2018
LPC8N04 NXP-LPC8N04_V01 Datasheet
1Mb / 38P
32-bit ARM Cortex-M0 microcontroller
11 December 2017
More results


Similar Description - LPC8N04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122SD2AN ETC2-NUC122SD2AN Datasheet
949Kb / 65P
ARM Cortex짰-M0 32-BIT MICROCONTROLLER
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC83X NXP-LPC83X Datasheet
1Mb / 78P
32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 1.2-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M058S NUVOTON-M058S Datasheet
2Mb / 72P
ARM Cortex짰-M0 32-bit Microcontroller
MINI57 NUVOTON-MINI57 Datasheet
2Mb / 131P
ARM Cortex짰-M0 32-bit Microcontroller
MINI58DE NUVOTON-MINI58DE Datasheet
1Mb / 84P
ARM짰 Cortex짰-M0 32-bit Microcontroller
NUC121 NUVOTON-NUC121 Datasheet
2Mb / 148P
ARM Cortex짰 -M0 32-bit Microcontroller
NUC122 NUVOTON-NUC122 Datasheet
1Mb / 66P
ARM Cortex짰 -M0 32-BIT MICROCONTROLLER
NUC2201 NUVOTON-NUC2201 Datasheet
1Mb / 82P
Arm Cortex짰-M0 32-bit Microcontroller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com