Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1142 Datasheet (PDF) - Unisonic Technologies

LR1142 Datasheet PDF - Unisonic Technologies
Part # LR1142
Download  LR1142 Download
File Size   185.05 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR

LR1142 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR1142 Datasheet PDF - Unisonic Technologies

Part # LR1142
Download  LR1142 Click to download

File Size   185.05 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR

LR1142 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - LR1142

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1143G-XX-AF5-R UTC-LR1143G-XX-AF5-R Datasheet
165Kb / 4P
High power supply rejection ratio
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
600mA LOW DROPOUT LINEAR REGULATOR
LR1148G-AD-AF5-R UTC-LR1148G-AD-AF5-R Datasheet
233Kb / 4P
600mA LOW DROPOUT LINEAR REGULATOR
LR1148L-AD-AF5-R UTC-LR1148L-AD-AF5-R Datasheet
233Kb / 4P
600mA LOW DROPOUT LINEAR REGULATOR
More results


Similar Description - LR1142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
New Japan Radio
NJW4186-T1 NJRC-NJW4186-T1 Datasheet
430Kb / 15P
High Voltage Io=500mA Adjustable Low Dropout Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com