Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5319 Datasheet (PDF) - Micrel Semiconductor

MIC5319 Datasheet PDF - Micrel Semiconductor
Part # MIC5319
Download  MIC5319 Download
File Size   319.64 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator

MIC5319 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5319 Datasheet PDF - Micrel Semiconductor

Part # MIC5319
Download  MIC5319 Click to download

File Size   319.64 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator

MIC5319 Datasheet (HTML) - Micrel Semiconductor


MIC5319 Product details

General Description
The MIC5319 is a high-performance, 500mA LDO regulator, offering extremely high PSRR and very-low noise while consuming low ground current.

Features
• Ultra-low dropout voltage 200mV @ 500mA
• Input voltage range: 2.5 to 5.5V
• Stable with ceramic output capacitor
• Low output noise: 40µVrms
• Low quiescent current of 90µA total
• High PSRR, up to 70dB @1kHz
• Fast turn-on-time: 40µs typical
• High-output accuracy:
    − ±1.0% initial accuracy
    − ±2.0% over temperature
• Thermal-shutdown protection
• Current-limit protection
• Logic-controlled Enable
• Tiny 2mm x 2mm MLF® package, 500mA continuous
• Thin SOT-23-5 package, 500mA peak

Applications
• Cellular phones
• PDAs
• Fiber optic modules
• Portable electronics
• Notebook PCs
• Audio Codec power supplies




Similar Part No. - MIC5319

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319-1.3HYD5 MICREL-MIC5319-1.3HYD5 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.3HYML MICREL-MIC5319-1.3HYML Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.85YD5 MICREL-MIC5319-1.85YD5 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.85YML MICREL-MIC5319-1.85YML Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.8BML MICREL-MIC5319-1.8BML Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
More results


Similar Description - MIC5319

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
Tirple High PSRR, Low Noise uCap LDO
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com