Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5305 Datasheet (PDF) - Micrel Semiconductor

MIC5305 Datasheet PDF - Micrel Semiconductor
Part # MIC5305
Download  MIC5305 Download
File Size   188.44 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA UCap Ultra-Low Dropout LDO Regulator

MIC5305 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5305 Datasheet PDF - Micrel Semiconductor

Part # MIC5305
Download  MIC5305 Click to download

File Size   188.44 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA UCap Ultra-Low Dropout LDO Regulator

MIC5305 Datasheet (HTML) - Micrel Semiconductor


MIC5305 Product details

General Description
The MIC5305 is a high-performance, 150mA LDO regulator, offering extremely high PSRR and very low noise while consuming low ground current.

Features
• Ultra-low dropout voltage of 60mV @ 150mA
• Input voltage range: 2.25 to 5.5V
• Stable with ceramic output capacitor
• 150mA guaranteed output current
• Low output noise — 20µVrms
• Low quiescent current of 90µA total
• High PSRR, up to 85dB @1kHz
• Less than 30µs turn-on time w/CBYP = 0.01µF
• High output accuracy:
    – ±1.0% initial accuracy
    – ±2.0% over temperature
• Thermal shutdown protection
• Current limit protection
• Tiny 6-pin 2mm × 2mm MLF® package
• Ultra-Thin 6-pin 2mm × 2mm Thin MLF® package
• Thin SOT-23-5 package

Applications
• Cellular phones
• PDAs
• Fiber optic modules
• Portable electronics
• Notebook PCs
• Audio Codec power supplies




Similar Part No. - MIC5305

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5305-1.5BD5 MICREL-MIC5305-1.5BD5 Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5305-1.5BML MICREL-MIC5305-1.5BML Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5305-1.5YD5 MICREL-MIC5305-1.5YD5 Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5305-1.5YML MICREL-MIC5305-1.5YML Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5305-1.8BD5 MICREL-MIC5305-1.8BD5 Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
More results


Similar Description - MIC5305

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
150mA Low Noise UCap CMOS LDO
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
logo
National Semiconductor ...
LP8358 NSC-LP8358 Datasheet
508Kb / 10P
150mA, UCap, Low Dropout Voltage Regulator with Power Good
logo
Micrel Semiconductor
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com