Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5255 Datasheet (PDF) - Micrel Semiconductor

MIC5255 Datasheet PDF - Micrel Semiconductor
Part # MIC5255
Download  MIC5255 Download
File Size   129.88 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low Noise UCap CMOS LDO

MIC5255 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5255 Datasheet PDF - Micrel Semiconductor

Part # MIC5255
Download  MIC5255 Click to download

File Size   129.88 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low Noise UCap CMOS LDO

MIC5255 Datasheet (HTML) - Micrel Semiconductor


MIC5255 Product details

General Description

The MIC5255 is an efficient, precise CMOS voltage regulator optimized for ultra-low-noise applications. It offers 1% initial accuracy, extremely-low dropout voltage (135mV at 150mA) and low ground current (typically 90µA). The MIC5255 provides a very-low-noise output, ideal for RF applications where a clean voltage source is required. A noise bypass pin is also available for further reduction of output noise.



Features

• Input voltage range: 2.7V to 6.0V

• Thin SOT package: 1mm height SOT-23-5

• Ultra-low output noise: 30µV(rms)

• Stability with ceramic output capacitors

• Ultra-low dropout: 135mV @ 150mA

• High output accuracy:

– 1.0% initial accuracy

– 2.0% over temperature

• Low quiescent current: 90µA

• Tight load and line regulation

• TTL-Logic-controlled enable input

• “Zero” off-mode current

• Thermal shutdown and current limit protection



Applications

• Cellular phones and pagers

• Cellular accessories

• Battery-powered equipment

• Laptop, notebook, and palmtop computers

• Consumer/personal electronics

_____________________________________________________



 




Similar Part No. - MIC5255

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-2.5BD5 MICREL-MIC5255-2.5BD5 Datasheet
953Kb / 13P
150mA Low Noise Cap CMOS LDO
MIC5255-2.5BM5 MICREL-MIC5255-2.5BM5 Datasheet
953Kb / 13P
150mA Low Noise Cap CMOS LDO
MIC5255-2.5YD5 MICREL-MIC5255-2.5YD5 Datasheet
953Kb / 13P
150mA Low Noise Cap CMOS LDO
MIC5255-2.5YM5 MICREL-MIC5255-2.5YM5 Datasheet
953Kb / 13P
150mA Low Noise Cap CMOS LDO
MIC5255-2.6BD5 MICREL-MIC5255-2.6BD5 Datasheet
953Kb / 13P
150mA Low Noise Cap CMOS LDO
More results


Similar Description - MIC5255

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
150mA UCap LDO with Error Flag
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
300mA High PSRR, Low Noise UCap CMOS LDO
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
150mA Low Noise Cap CMOS LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com