Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5248 Datasheet (PDF) - Micrel Semiconductor

MIC5248 Datasheet PDF - Micrel Semiconductor
Part # MIC5248
Download  MIC5248 Download
File Size   64.03 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA UCap CMOS LDO Regulator w/Power Good

MIC5248 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5248 Datasheet PDF - Micrel Semiconductor

Part # MIC5248
Download  MIC5248 Click to download

File Size   64.03 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA UCap CMOS LDO Regulator w/Power Good

MIC5248 Datasheet (HTML) - Micrel Semiconductor


MIC5248 Product details

General Description
The MIC5248 is an efficient, general purpose 1.2V CMOS voltage regulator with a power good output function. The MIC5248 offers better than 3%initial accuracy, and constant ground current (typically 100µA) over load.
The MIC5248 also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in handheld wireless devices.

Features
• Power Good indicator
• Load independent, ultra-low ground current: 100µA
• 150mA output current
• Current limiting
• Thermal shutdown
• Tight load and line regulation
• “Zero” off-mode current
• Stability with low-ESR capacitors
• Fast transient response
• TTL-logic-controlled enable input

Applications
• Processor power-up sequencing
• Laptop, notebook, and palmtop computers
• PCMCIA VCC and VPP regulation/switching




Similar Part No. - MIC5248

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5248-1.2BM5 MICREL-MIC5248-1.2BM5 Datasheet
258Kb / 10P
150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5248-1.2YM5 MICREL-MIC5248-1.2YM5 Datasheet
258Kb / 10P
150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5248-1.2YML MICREL-MIC5248-1.2YML Datasheet
258Kb / 10P
150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Similar Description - MIC5248

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
150mA Low Noise UCap CMOS LDO
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
logo
National Semiconductor ...
LP8358 NSC-LP8358 Datasheet
508Kb / 10P
150mA, UCap, Low Dropout Voltage Regulator with Power Good
logo
Micrel Semiconductor
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Micrel Semiconductor
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
150mA 關Cap CMOS LDO Regulator w/Power Good
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com