Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5256 Datasheet (PDF) - Micrel Semiconductor

MIC5256 Datasheet PDF - Micrel Semiconductor
Part # MIC5256
Download  MIC5256 Download
File Size   115.41 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA UCap LDO with Error Flag

MIC5256 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5256 Datasheet PDF - Micrel Semiconductor

Part # MIC5256
Download  MIC5256 Click to download

File Size   115.41 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA UCap LDO with Error Flag

MIC5256 Datasheet (HTML) - Micrel Semiconductor


MIC5256 Product details

General Description
The MIC5256 is an efficient, precise CMOS voltage regulator. It offers better than 1% initial accuracy, extremely low-dropout voltage (typically 135mV at 150mA) and low ground current (typically 90µA) over load. The MIC5256 features an error flag that indicates an output fault condition such as overcurrent, thermal shutdown and dropout.

Features
• Input voltage range: 2.7V to 6.0V
• Thin SOT package: 1mm height
• Error flag indicates fault condition
• Stable with ceramic output capacitor
• Ultralow dropout: 135mV @ 150mA
• High output accuracy:
    – 1.0% initial accuracy
    – 2.0% over temperature
• Low quiescent current:90µA
• Tight load and line regulation
• Thermal-shutdown and current-limit protection
• “Zero” off-mode current
• TTL logic-controlled enable input

Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• Consumer/personal electronics




Similar Part No. - MIC5256

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256-1.5BM5 MICREL-MIC5256-1.5BM5 Datasheet
566Kb / 13P
150mA 關Cap LDO with Error Flag
MIC5256-1.5YM5 MICREL-MIC5256-1.5YM5 Datasheet
566Kb / 13P
150mA 關Cap LDO with Error Flag
MIC5256-1.8BM5 MICREL-MIC5256-1.8BM5 Datasheet
566Kb / 13P
150mA 關Cap LDO with Error Flag
MIC5256-1.8YM5 MICREL-MIC5256-1.8YM5 Datasheet
566Kb / 13P
150mA 關Cap LDO with Error Flag
MIC5256-2.5BM5 MICREL-MIC5256-2.5BM5 Datasheet
566Kb / 13P
150mA 關Cap LDO with Error Flag
More results


Similar Description - MIC5256

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
150mA Low Noise UCap CMOS LDO
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag
20-Jun-05
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Micrel Semiconductor
MIC5256 MICREL-MIC5256_10 Datasheet
566Kb / 13P
150mA 關Cap LDO with Error Flag
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
Dual 150mA 關Cap LDO with Error Flag Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com