Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2203 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2203 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2203
Download  AP2203 Download
File Size   158.28 Kbytes
Page   19 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 150mA RF ULDO REGULATOR WITH ERROR FLAG

AP2203 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2203 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2203
Download  AP2203 Click to download

File Size   158.28 Kbytes
Page   19 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 150mA RF ULDO REGULATOR WITH ERROR FLAG

AP2203 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2203 Product details

General Description
The AP2203 is a 150mA ULDO regulator, which provides ultra low dropout voltage (typically 165mV at 150mA), very low quiescent current (1µA maximum) in shutdown mode and excellent power supply ripple rejection (PSRR 75dB at 100Hz) in battery powered applications, such as handsets and PDAs and in noise sensitive applications, such as RF electronics.
   
Features
• Error Flag to Indicate Undervoltage Fault
• Up to 150mA Regulator Output
• Low Quiescent Current
• Low Dropout Voltage: VDROP=165mV at 150mA
• High Output Accuracy: ±1%
• Good Ripple Rejection Ability: 75dB at 100Hz
    and IOUT=100µA
• Tight Load and Line Regulation
• Low Temperature Coefficient
• Over Current Protection
• Thermal Protection
• Reverse-battery Protection
• Zero Off-mode Current
• Logic-controlled Enable
   
Applications
• Cellular Phones
• Cordless Phones
• Wireless Communicators
• PDAs / Palmtops
• Consumer Electronics
   




Similar Part No. - AP2203

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
Step-up DC/DC converter IC supporting 1 or 2 solar cells
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
AP2201K2.6TR BCDSEMI-AP2201K2.6TR Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
More results


Similar Description - AP2203

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
150mA UCap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
logo
Micrel Semiconductor
MIC5256 MICREL-MIC5256_10 Datasheet
566Kb / 13P
150mA 關Cap LDO with Error Flag
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
Dual 150mA 關Cap LDO with Error Flag Outputs
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com