Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5254 Datasheet (PDF) - Micrel Semiconductor

MIC5254 Datasheet PDF - Micrel Semiconductor
Part # MIC5254
Download  MIC5254 Download
File Size   160.68 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS

MIC5254 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5254 Datasheet PDF - Micrel Semiconductor

Part # MIC5254
Download  MIC5254 Click to download

File Size   160.68 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS

MIC5254 Datasheet (HTML) - Micrel Semiconductor


MIC5254 Product details

General Description
The MIC5254 is an efficient, precise, dual CMOS voltage regulator. It offers better than 1% initial accuracy, extremely low dropout voltage (typically 135mV at 150mA) and low ground current (typically 90µA) over load. The MIC5254 features two independent LDOs with error flags that indicate an output fault condition such as overcurrent, thermal shut-down and dropout.

Features
• Input voltage range: 2.7V to 6.0V
• Dual, independent 150mA LDOs
• Error flags indicate fault condition
• Stable with ceramic output capacitor
• Ultra-low dropout: 135mV @ 150mA
• High output accuracy: 1.0% initial accuracy 2.0% over temperature
• Low quiescent current: 90µA each LDO
• Tight load and line regulation
• Thermal shutdown and current limit protection
• “Zero” off-mode current
• TTL logic-controlled enable input
• 10-pin MSOP package

Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• Consumer/personal electronics




Similar Part No. - MIC5254

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5254 MICREL-MIC5254 Datasheet
377Kb / 11P
Dual 150mA 關Cap LDO with Error Flag Outputs
MIC5254-SJBMM MICREL-MIC5254-SJBMM Datasheet
377Kb / 11P
Dual 150mA 關Cap LDO with Error Flag Outputs
MIC5254-SJYMM MICREL-MIC5254-SJYMM Datasheet
377Kb / 11P
Dual 150mA 關Cap LDO with Error Flag Outputs
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
Dual 150mA 關Cap LDO with Error Flag Outputs
More results


Similar Description - MIC5254

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
150mA Low Noise UCap CMOS LDO
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
150mA UCap LDO with Error Flag
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5256 MICREL-MIC5256_10 Datasheet
566Kb / 13P
150mA 關Cap LDO with Error Flag
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
Dual 150mA 關Cap LDO with Error Flag Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com