Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2210 Datasheet (PDF) - Diodes Incorporated

AP2210 Datasheet PDF - Diodes Incorporated
Part # AP2210
Download  AP2210 Download
File Size   715.83 Kbytes
Page   30 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mA RF ULDO REGULATOR

AP2210 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2210 Datasheet PDF - Diodes Incorporated

Part # AP2210
Download  AP2210 Click to download

File Size   715.83 Kbytes
Page   30 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mA RF ULDO REGULATOR

AP2210 Datasheet (HTML) - Diodes Incorporated


AP2210 Product details

Features
• Up to 300mA Output Current
• Excellent ESR Stability
• Low Standby Current
• Low Dropout Voltage: VDROP = 250mV at 300mA
• High Output Accuracy: ±1%
• Good Ripple Rejection Ability: 75dB at 100Hz and IOUT = 100μA
• Tight Load and Line Regulation
• Low Temperature Coefficient
• Over-Current Protection
• Thermal Protection
• Reverse Current Protection
• Logic-controlled Enable
• Moisture Sensitivity: Level 3 Per J-STD-020
• Terminals: SOT-23-3/SOT-23-5 Finish—Matte Tin Plated Leads,
Solderable per MIL-STD-202, Method 208
• Weight:
 SOT-23-3: 0.014 grams (Approximate)
 SOT-23-5: 0.015 grams (Approximate)
 Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
• Lead-Free Packages, Available in “Green” Molding Compound: SOT-23-3, SOT-23-5
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control

Applications
• Cellular Phones
• Cordless Phones
• Wireless Communicators
• PDAs/Palmtops
• PC Motherboards
• Consumer Electronics




Similar Part No. - AP2210

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-2.5TR BCDSEMI-AP2210K-2.5TR Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-2.5TRE1 BCDSEMI-AP2210K-2.5TRE1 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-2.8TRE1 BCDSEMI-AP2210K-2.8TRE1 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-3.0TR BCDSEMI-AP2210K-3.0TR Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
More results


Similar Description - AP2210

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com