Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7583Q Datasheet (PDF) - Diodes Incorporated

AP7583Q Datasheet PDF - Diodes Incorporated
Part # AP7583Q
Download  AP7583Q Download
File Size   1860.6 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG

AP7583Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7583Q Datasheet PDF - Diodes Incorporated

Part # AP7583Q
Download  AP7583Q Click to download

File Size   1860.6 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG

AP7583Q Datasheet (HTML) - Diodes Incorporated


AP7583Q Product details

Features
- Wide Input-Voltage Range: 3V to 42V
- Maximum Output Current: 300mA
- Low-Dropout Voltage: VDROP = 320mV @IOUT = 300mA (Typ)
- Low Quiescent Current:
- AP7583Q is 2.5μA (Typ)
- AP7583AQ is 3μA (Typ)
- High Output-Voltage Accuracy: ±1.5%
- Compatible with Low ESR Ceramic Capacitor
- Excellent Line/Load Regulation
- Thermal Shutdown Function
- Short Current Protection Function
- Output Current Limit
- AP7583AQ with Power-Good (PG) Output for Supply Monitoring
and for Sequencing of Other Supplies
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The AP7583Q/AQ are suitable for automotive applications
requiring specific change control; these parts are AEC-Q100
qualified, PPAP capable, and manufactured in IATF16949
certified facilities.

Applications
- Powering MCUs and CAN/LIN transceivers
- Automotive head units
- EV and HEV battery management systems
- Body control modules
- Transmission control units (TCU)




Similar Part No. - AP7583Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP7551 ETC2-AP7551 Datasheet
16Kb / 1P
Basic Rack PDU
logo
A POWER MICROELECTRONIC...
AP75N02DF APME-AP75N02DF Datasheet
657Kb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
AP75N03DF APME-AP75N03DF Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP75N03NF APME-AP75N03NF Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP75N04DF-C APME-AP75N04DF-C Datasheet
981Kb / 7P
40V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP7583Q

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com