Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7370 Datasheet (PDF) - Diodes Incorporated

AP7370 Datasheet PDF - Diodes Incorporated
Part # AP7370
Download  AP7370 Download
File Size   2047.28 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR

AP7370 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7370 Datasheet PDF - Diodes Incorporated

Part # AP7370
Download  AP7370 Click to download

File Size   2047.28 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR

AP7370 Datasheet (HTML) - Diodes Incorporated


AP7370 Product details

Features
Wide Input Voltage Range: Up to 18V
Low Dropout Voltage: VDROP = 500mV @ IOUT = 100mA
Low Ground Current
High Output Voltage Accuracy
Compatible with Low ESR Ceramic Capacitor
Excellent Line/Load Regulation
Thermal Shutdown Function
Short Current Protection
Reverse Current Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Portable Information Appliances
Metering
Weighing Scales




Similar Part No. - AP7370

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7372 DIODES-AP7372 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
AP7372 DIODES-AP7372 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-12CBA6-7 DIODES-AP7372-12CBA6-7 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
AP7372-12CBA6-7 DIODES-AP7372-12CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-18CBA6-7 DIODES-AP7372-18CBA6-7 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
More results


Similar Description - AP7370

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com