Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7370 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7370
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7370 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7370 Datasheet HTML 1Page - Diodes Incorporated AP7370 Datasheet HTML 2Page - Diodes Incorporated AP7370 Datasheet HTML 3Page - Diodes Incorporated AP7370 Datasheet HTML 4Page - Diodes Incorporated AP7370 Datasheet HTML 5Page - Diodes Incorporated AP7370 Datasheet HTML 6Page - Diodes Incorporated AP7370 Datasheet HTML 7Page - Diodes Incorporated AP7370 Datasheet HTML 8Page - Diodes Incorporated AP7370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP7370
Document number: DS41820 Rev. 1 - 2
4 of 17
www.diodes.com
March 2019
© Diodes Incorporated
AP7370
Performance Characteristics
TA=25
oC
TA=25
oC
TA=-40
oC
TA=25
oC
TA=85
oC
TA=125
oC
TA=-40
oC
TA=25
oC
TA=85
oC
TA=125
oC
IOUT=10mA
IOUT=50mA
IOUT=100mA
IOUT=200mA
(VIN=5.3V, VOUT=3.3V)
IOUT=10mA
IOUT=50mA
IOUT=100mA
IOUT=200mA
VIN=5.3V
VIN=10V
VIN=12V
VIN=15V
VIN=18V
VIN=7V
VIN=10V
VIN=12V
VIN=15V
VIN=18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com