Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7370 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7370
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7370 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7370 Datasheet HTML 1Page - Diodes Incorporated AP7370 Datasheet HTML 2Page - Diodes Incorporated AP7370 Datasheet HTML 3Page - Diodes Incorporated AP7370 Datasheet HTML 4Page - Diodes Incorporated AP7370 Datasheet HTML 5Page - Diodes Incorporated AP7370 Datasheet HTML 6Page - Diodes Incorporated AP7370 Datasheet HTML 7Page - Diodes Incorporated AP7370 Datasheet HTML 8Page - Diodes Incorporated AP7370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP7370
Document number: DS41820 Rev. 1 - 2
2 of 17
www.diodes.com
March 2019
© Diodes Incorporated
AP7370
Pin Descriptions
Pin Number
Pin Name
Function
SOT25
(W5)
SOT25
(WR)
SOT25
(WW)
SOT89
SOT23
U-DFN2020-6
(Type C)
1
2
1
3
3
6
VIN
Input voltage
2
1
2
2
1
3
GND
Ground
3, 4
4, 5
4, 5
—
—
2, 4, 5
NC
Not connected for fixed version
5
3
3
1
2
1
VOUT
Regulated output voltage
—
—
—
—
—
EP
GND
Ground
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
Supply Input Voltage
20
V
IOUT
Output Current
500
mA
TLEAD
Lead Temperature (Soldering, 10s)
+260
°C
TJ
Operating Junction Temperature
+150
°C
θJA
Thermal Resistance (Junction to Ambient)
SOT23
205
°C/W
SOT25
155
SOT89
126
U-DFN2020-6 (Type C)
54
θJC
Thermal Resistance (Junction to Case)
SOT23
37
°C/W
SOT25
23
SOT89
26
U-DFN2020-6 (Type C)
9.5
TSTG
Storage Temperature Range
-65 to +150
°C
—
ESD (Change Device Model))
1500
V
—
ESD (Human Body Model)
6000
V
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Input Voltage
3.2
18
V
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com