Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7370 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7370
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7370 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7370 Datasheet HTML 1Page - Diodes Incorporated AP7370 Datasheet HTML 2Page - Diodes Incorporated AP7370 Datasheet HTML 3Page - Diodes Incorporated AP7370 Datasheet HTML 4Page - Diodes Incorporated AP7370 Datasheet HTML 5Page - Diodes Incorporated AP7370 Datasheet HTML 6Page - Diodes Incorporated AP7370 Datasheet HTML 7Page - Diodes Incorporated AP7370 Datasheet HTML 8Page - Diodes Incorporated AP7370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP7370
Document number: DS41820 Rev. 1 - 2
3 of 17
www.diodes.com
March 2019
© Diodes Incorporated
AP7370
Electrical Characteristics (@TA = -40°C to +85°C, VIN = VOUT(Typ) + 1V or 2.7V (whichever is greater), IOUT = 10mA, and CIN =
COUT = 1.0µF ceramic, unless otherwise noted. Typical values are at TA = +25°C.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
VOUT > 2.5V
VOUT  99%
VOUT VOUT  101%
V
VOUT ≤ 2.5V
VOUT  98%
VOUT VOUT  102%
V
VIN
Input Voltage
—
3.2
—
18
V
ILIMIT
Current Limit (Note 4)
VOUT > 2.5V, VOUT1 = 98%  VOUT
350
—
—
mA
VOUT ≤ 2.5V, VOUT1 = 98%  VOUT
200
—
—
mA
∆VOUT/∆VIN/VOUT Line Regulation
(VOUT(Nom) + 1V, 3.2V)
≤ VIN ≤ 18V, IOUT
= 10mA
—
0.05
—
%/V
∆VOUT/VOUT
Load Regulation
VOUT > 2.5V, VIN = VOUT + 2V, 1mA ≤
IOUT ≤ 300mA
—
0.5
—
%
VOUT ≤ 2.5V, VIN = VOUT + 3V, 1mA ≤
IOUT ≤ 150mA
—
0.5
—
%
VDROP
Dropout Voltage (Notes 5, 6)
3.0V
 VOUT < 5.0V
IOUT = 100mA
—
500
600
mV
VOUT = 5.0V
IOUT = 100mA
—
450
550
mV
IGND
Ground Current
IOUT = 0A
—
1.5
2.5
µA
VOUT > 2.5V, IOUT = 300mA
—
250
300
VOUT  2.5V, IOUT = 150mA
∆VOUT/(VOUT∆T) Output Voltage Temperature Coefficient IOUT = 100µA, -40°C ≤ TJ ≤ +125°C
—
±100
—
ppm/°C
TOTSD
Thermal Shutdown Temperature
—
—
+160
—
°C
THYOTSD
Thermal Shutdown Hysteresis
—
—
+20
—
°C
Notes:
4. Measured with VIN = VOUT + 3V for VOUT ≤ 2.5V. Measured with VIN = VOUT + 2.5V for VOUT > 2.5V.
5. VDROP is measured with VIN = 0.98  VOUT(Nom).
6. Dropout is only valid when VOUT ≥ 2.8V because of the minimum input voltage limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com