Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7372 Datasheet (PDF) - Diodes Incorporated

AP7372 Datasheet PDF - Diodes Incorporated
Part # AP7372
Download  AP7372 Download
File Size   1391.3 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW-NOISE, 20V, 200mA ULDO REGULATOR

AP7372 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7372 Datasheet PDF - Diodes Incorporated

Part # AP7372
Download  AP7372 Click to download

File Size   1391.3 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW-NOISE, 20V, 200mA ULDO REGULATOR

AP7372 Datasheet (HTML) - Diodes Incorporated


AP7372 Product details

Features
•Low Noise: 8μVrms Independent of Fixed Output Voltage
•High PSRR: 90dB @10kHz, 70dB @100kHz, 52dB @1MHz
•Input Voltage Range: 2.7V to 20V
•Maximum Output Current: 200mA
•High Output Voltage Accuracy: ±0.8%
•Accuracy over Line, Load, and Temperature ±1.8%, TJ = -40°C to +125°C
•Low Dropout Voltage: 120mV @IOUT = 200mA (typ)
•User-Programmable Soft-Start
•Low Quiescent Current, IGND: 66μA (typ)
•Low Shutdown Current:
▪3.1μA @VIN = 5V
▪3.3μA @VIN = 20V
•Stable with a 2.2μF Ceramic Output Capacitor
•Adjustable Output from 1.2V to VIN – VDO, output can be adjusted above initial set point
•Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•Halogen and Antimony Free. “Green” Device (Note 3)
•For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative.

Applications
•Regulation to noise sensitive applications
▪ADC and DAC circuits, precision amplifiers, power for VCO VTUNE controls
•Communications and infrastructures
•Medical and healthcares
•Industrials and instrumentation




Similar Part No. - AP7372

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7372 DIODES-AP7372 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-12CBA6-7 DIODES-AP7372-12CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-18CBA6-7 DIODES-AP7372-18CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-25CBA6-7 DIODES-AP7372-25CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-33CBA6-7 DIODES-AP7372-33CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
More results


Similar Description - AP7372

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
logo
Diodes Incorporated
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com