Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7372 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7372
Description  LOW-NOISE, 20V, 200mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7372 Datasheet HTML 1Page - Diodes Incorporated AP7372 Datasheet HTML 2Page - Diodes Incorporated AP7372 Datasheet HTML 3Page - Diodes Incorporated AP7372 Datasheet HTML 4Page - Diodes Incorporated AP7372 Datasheet HTML 5Page - Diodes Incorporated AP7372 Datasheet HTML 6Page - Diodes Incorporated AP7372 Datasheet HTML 7Page - Diodes Incorporated AP7372 Datasheet HTML 8Page - Diodes Incorporated AP7372 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP7372
Document number: DS46597 Rev. 3 - 2
4 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP7372
Electrical Characteristics
VIN = VOUT + 1V or 2.7V, whichever is greater, VOUT = 5V, EN = VIN, IOUT = 10mA, CIN = COUT = 2.2μF, CSS = 0pF, TA = +25°C for typical specifications,
TJ = -40°C to +125°C for minimum/maximum specifications, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
2.7
20
V
ILOAD_MAX
Maximum Output Current
200
mA
IGND
Ground Current
IOUT = 0μA
66
110
µA
IOUT = 10mA
110
185
µA
IOUT = 200mA
280
500
µA
ISHDN
Shutdown Current
EN = GND
3.1
µA
EN = GND, VIN = 20V
3.5
11
µA
VOUT
Output Voltage Accuracy
IOUT = 10mA, TJ = +25°C
-0.8
0.8
%
100μA < IOUT < 200mA, VIN = (VOUT + 1V) to 20V
-1.8
1.8
%
△VOUT/∆VIN
Line Regulation
VIN = (VOUT + 1V) to 20V
-0.01
0.01
%/V
△VOUT/△IOUT
Load Regulation
IOUT = 100μA to 200mA
0.001
0.003
%/mA
SENSEI-BIAS
Sense Input Bias Current
100
μA < IOUT < 200mA, VIN = (VOUT + 1V) to 20V
10
1000
nA
VDO
Dropout Voltage
IOUT = 10mA
60
100
mV
IOUT = 200mA
120
280
mV
tSTARTUP
Startup Time
VOUT = 5V
340
µs
SSI-SOURCE
Soft-Start Source Current
SS = GND
1
µA
ICL
Output Current Limit
245
360
500
mA
TSSD
Thermal Shutdown Threshold
TJ rising
+155
°C
TSSD-HYS
Thermal Shutdown Hysteresis
+20
°C
VUVLO
UVLO Threshold
VIN rising
2.65
V
VIN falling
2.1
Hysteresis
0.24
EN INPUT STANDBY
ENSTBY-HIGH
EN Input Logic High
2.7V ≤ VIN ≤ 20V
1.0
V
ENSTBY-LOW
EN Input Logic Low
0.4
V
ENSTBY-HYS
EN Input Logic Hysteresis
0.11
V
EN INPUT PRECISION
ENHIGH
EN Input Logic High
2.7V ≤ VIN ≤ 20V
1.0
1.24
1.45
V
ENLOW
EN Input Logic Low
0.9
1.13
1.3
V
ENHYS
EN Input Logic Hysteresis
110
mV
IEN-LKG
EN Input Leakage Current
EN = VIN or GND
0.01
0.1
µA
tEN-DLY
EN Input Delay Time
From EN rising from 0V to VIN to 0.1 × VOUT
140
µs
Vn
Output Noise Voltage
BW = 10Hz to 100kHz, all output voltage options
8
µVrms
PSRR
Power-Supply Rejection Ratio
f = 1MHz, VIN = 7V, VOUT = 5V
52
dB
f = 100kHz, VIN = 7V, VOUT = 5V
70
dB
f = 10kHz, VIN = 7V, VOUT = 5V
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com