Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7372 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7372
Description  LOW-NOISE, 20V, 200mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7372 Datasheet HTML 7Page - Diodes Incorporated AP7372 Datasheet HTML 8Page - Diodes Incorporated AP7372 Datasheet HTML 9Page - Diodes Incorporated AP7372 Datasheet HTML 10Page - Diodes Incorporated AP7372 Datasheet HTML 11Page - Diodes Incorporated AP7372 Datasheet HTML 12Page - Diodes Incorporated AP7372 Datasheet HTML 13Page - Diodes Incorporated AP7372 Datasheet HTML 14Page - Diodes Incorporated AP7372 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP7372
Document number: DS46597 Rev. 3 - 2
13 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP7372
Ordering Information (Note 7)
AP7372 - XX XXXX - X
Packing
7: Tape & Reel
Output Voltage
18 : 1.8V
25 : 2.5V
33 : 3.3V
50 : 5.0V
Package
CBA6 : U-WLB10 12-6
(Typ e A 1)
12 : 1.2V(A DJ)
Orderable Part Number
Package Code
Package
Packing
Qty.
Carrier
AP7372-XXCBA6-X
CBA6
U-WLB1012-6 (Type A1)
3,000
7
” Tape and Reel
Note:
7. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
U-WLB1012-6 (Type A1)
Y : Year : 0 to 9 (ex: 5 = 2025)
XX : Identification Code
W : Week : A to Z : week 1 to 26;
a to z : week 27 to 52; z represents
week 52 and 53
XX
Y W
(Top View)
Orderable Part Number
Package
Identification Code
AP7372-12CBA6-7
U-WLB1012-6 (Type A1)
C2
AP7372-18CBA6-7
U-WLB1012-6 (Type A1)
C3
AP7372-25CBA6-7
U-WLB1012-6 (Type A1)
C4
AP7372-33CBA6-7
U-WLB1012-6 (Type A1)
C5
AP7372-50CBA6-7
U-WLB1012-6 (Type A1)
C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com