Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2205 Datasheet (PDF) - Diodes Incorporated

AP2205 Datasheet PDF - Diodes Incorporated
Part # AP2205
Download  AP2205 Download
File Size   1002.3 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR

AP2205 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2205 Datasheet PDF - Diodes Incorporated

Part # AP2205
Download  AP2205 Click to download

File Size   1002.3 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR

AP2205 Datasheet (HTML) - Diodes Incorporated


AP2205 Product details

Features
• Wide Input Voltage Range: 2.3V to 24V
• Wide Output Voltage Range: 1.24V to 22V
• Excellent Ripple Rejection: 60dB@ f = 1kHz
• Low Dropout Voltage: VDROP = 100mV@ IOUT = 100µA
• Low Ground Current
• High Output Voltage Accuracy
• Compatible with Low ESR Ceramic Capacitor
• Excellent Line/Load Regulation
• Thermal Shutdown Function
• Moisture Sensitivity:
 SOT89: Level 3 Per J-STD-020
 SOT25: Level 1 Per J-STD-020
• Terminals: SOT89/ SOT25: Finish—Mate Tin Plated Leads,
Solderable per MIL-STD-202, Method 208
• Weight:
 SOT89: 0.062 grams (Approximate)
 SOT25: 0.0157 grams (Approximate)
• For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)

Applications
• Battery-powered Equipment
• Laptop, Palmtops, Notebook Computers
• Portable Information Appliances
• Industrial/Automotive Applications




Similar Part No. - AP2205

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
Step-up DC/DC converter IC supporting 1 or 2 solar cells
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
AP2201K2.6TR BCDSEMI-AP2201K2.6TR Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
More results


Similar Description - AP2205

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7384 DIODES-AP7384 Datasheet
643Kb / 12P
WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
November 2018
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com