Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2201 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2201 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2201
Download  AP2201 Download
File Size   150.22 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 150mA RF ULDO REGULATOR

AP2201 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2201 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2201
Download  AP2201 Click to download

File Size   150.22 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 150mA RF ULDO REGULATOR

AP2201 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2201 Product details

General Description
The AP2201 is a 150mA output current fixed voltage regulator designed to provide very low noise (45µVrms at 80Hz-100KHz), ultra low dropout voltage (typically 165mV at 150mA), very low quiescent current (1µA maximum) and excellent power supply ripple rejection (PSRR 75dB at 100Hz) in battery powered applications, such as handsets and PDAs and in noise sensitive applications, such as RF electronics.

Features
 • Up to 150mA Regulator Output
 • Low Quiescent Current
 • Low Dropout Voltage: VD=165mV at 150mA
 • High Precision Output Voltage: ±1%
 • Output Noise: 45µVrms at 80Hz-100KHz
 • Good Ripple Rejection Ability: 75dB at 100Hz and IOUT=100µA
 • Tight Load and Line Regulation
 • Low Temperature Coefficient
 • Over Current Protection
 • Thermal Protection
 • Reverse-battery Protection
 • Zero Off-mode Current
 • Logic-controlled Enable

Applications
 • Cellular Phones
 • Cordless Phones
 • Digital Still Cameras
 • Wireless Communicators
 • PDAs / Palmtops
 • PC Mother Board
 • Consumer Electronics




Similar Part No. - AP2201

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
Step-up DC/DC converter IC supporting 1 or 2 solar cells
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
BCD Semiconductor Manuf...
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
More results


Similar Description - AP2201

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com