Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2201 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2201
Description  150mA RF ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2201 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2201 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
150mA RF ULDO REGULATOR
AP2201
Preliminary Datasheet
4
Jun. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Input Voltage
VIN
15
V
Enable Input Voltage
VEN
15
V
Power Dissipation
PD
Internally Limited
W
Lead Temperature (Soldering, 5sec)
TLEAD
260
oC
Storage Temperature
TSTG
-65 to 150
oC
ESD (Machine Model)
200
V
Thermal Resistance
θ
JA
(Note 2)
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Min
Max
Unit
Supply Input Voltage
VIN
2.5
13.2
V
Enable Input Voltage
VEN
013.2
V
Operating Junction Temperature
TJ
-40
125
oC
Recommended Operating Conditions
Note 2: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifica-
tions do not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a
function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal resistance, θJA, and the ambient tem-
perature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: PD(max)=(TJ(max) -
TA)/θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will
go into thermal shutdown.
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-5
-40 to 125oC
AP2201K-2.6TR
AP2201K-2.6TRE1
K1E
E1E
Tape & Reel
AP2201K-2.8TR
AP2201K-2.8TRE1
K1G
E1G
Tape & Reel
AP2201K-3.0TR
AP2201K-3.0TRE1
K1I
E1I
Tape & Reel
Ordering Information (Continued)
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com