Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2201 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2201
Description  150mA RF ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2201 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2201 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
150mA RF ULDO REGULATOR
AP2201
Preliminary Datasheet
5
Jun. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
∆V
O/VO
Variation from specified
VOUT
-1
1
%
-2
2
Output Voltage
Temperature Coefficient
∆V
O /∆T(Note 3)
120
µV/oC
Line Regulation
VRLINE
AP2201-2.6V
VIN= VOUT +1V to 13.2V
13
mV
13
AP2201-2.8V
VIN= VOUT +1V to 13.2V
14
14
AP2201-3.0V
VIN= VOUT +1V to 13.2V
14
14
Load Regulation (Note 4)
VRLOAD
AP2201-2.6V
IOUT= 0.1mA to 150mA
18
mV
16
AP2201-2.8V
IOUT= 0.1mA to 150mA
19
18
AP2201-3.0V
IOUT= 0.1mA to 150mA
19
18
Dropout Voltage (Note 5)
VIN-VO
IOUT=100µA
15
50
mV
70
IOUT=50mA
110
150
230
IOUT=100mA
140
250
300
IOUT=150mA
165
275
350
Quiescent Current
IQ
VEN ≤ 0.4V (shutdown)
0.01
1
µA
VEN ≤ 0.18V (shutdown)
5
Ground Pin Current (Note 6)
IGND
VEN ≥ 2.0V, IOUT=0µA
180
245
µA
265
VEN ≥ 2.0V, IOUT=100µA
182
250
270
VEN ≥ 2.0V, IOUT=50mA
350
600
800
VEN ≥ 2.0V, IOUT=100mA
600
1000
1500
Electrical Characteristics
VIN=VOUT +1V, IOUT = 100µA, CL = 2.2µF, VEN≥ 2.0V, TJ = 25
oC, Bold typeface applies over -40oC<T
J<125
oC, unless other-
wise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com