Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2201 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2201
Description  150mA RF ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2201 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2201 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
150mA RF ULDO REGULATOR
AP2201
Preliminary Datasheet
8
Jun. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 9. Enable Current vs. Junction Temperature
Figure 10. Enable Voltage vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
20
V
EN
=1.8V
V
EN
=2.0V
V
EN
=3.0V
V
EN
=4.0V
V
IN
=3.8V, C
IN
=1.0µF, C
L
=2.2µF,
I
OUT
=100µA, C
BYP
=1nF
Junction Temperature (
oC)
AP2201-2.8V
-60
-40
-20
0
20
40
60
80
100
120
140
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Junction Temperature (
oC)
AP2201-2.8V
V
EN
=on
V
EN
=off
C
IN
=1.0µF,C
L
=2.2µF,C
BYP
=1nF
V
IN
=3.8V,I
OUT
=5mA
Figure 11. Noise vs. Bypass Capacitor
Figure 12. Load Transient
10
100
1000
10000
0
50
100
150
200
Bypass Capacitor (pF)
(Conditions: VIN=3.8V, CBYP=680pF, VEN=2V,
IOUT=5mA to 50mA, CL=2.2µF)
Time (
µs)
AP2201-2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com