Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2201 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2201
Description  150mA RF ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2201 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2201 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
150mA RF ULDO REGULATOR
AP2201
Preliminary Datasheet
7
Jun. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 5. Output Voltage vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
2.700
2.725
2.750
2.775
2.800
2.825
2.850
2.875
2.900
Junction Temperature (
oC)
AZ2201-2.8V
Figure 6. Dropout Voltage vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
350
Junction Temperature (
oC)
I
OUT
=50mA
I
OUT
=100mA
I
OUT
=150mA
C
IN
=1.0µF, C
L
=2.2µF, C
BYP
=1nF
Figure 7. Ground Pin Current vs. Output Current
Figure 8. Ground Pin Current vs. Junction Temperature
0
102030
405060708090 100 110 120 130 140 150
-4
-3
-2
-1
0
1
2
3
4
5
6
Output Current (mA)
-60
-40
-20
0
20
40
60
80
100
120
140
-2000
-1000
0
1000
2000
3000
4000
5000
AP2201-2.8V
I
OUT
=50mA
I
OUT
=100mA
I
OUT
=150mA
V
IN
=3.8V,V
EN
=2.0V,C
IN
=1.0µF,
C
L
=2.2µF,C
BYP
=1nF
Junction Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com